Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB31C3A1CME Datasheet (PDF) - StarTech.com Ltd.

HB31C3A1CME Datasheet PDF - StarTech.com Ltd.
Part # HB31C3A1CME
Download  HB31C3A1CME Download
File Size   63.86 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB C Hub 10Gbps - Metal Industrial USB Type-C Hub w/ 3xUSB-A & 1xUSB-C - ESD & Surge Protection - USB-C or USB-A Host - Self-Powered Mountable USB 3.2/3.1 Gen 2 Hub

HB31C3A1CME Datasheet (PDF)

Go To PDF Page Download Datasheet
HB31C3A1CME Datasheet PDF - StarTech.com Ltd.

Part # HB31C3A1CME
Download  HB31C3A1CME Click to download

File Size   63.86 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB C Hub 10Gbps - Metal Industrial USB Type-C Hub w/ 3xUSB-A & 1xUSB-C - ESD & Surge Protection - USB-C or USB-A Host - Self-Powered Mountable USB 3.2/3.1 Gen 2 Hub

HB31C3A1CME Datasheet (HTML) - StarTech.com Ltd.


HB31C3A1CME Product details

Applications
• Connect equipment to a computer in industrial environments
• Power and charge devices

Features
• INDUSTRIAL 4 PORT USB-C HUB: Expand the connectivity of a USB-C or USB-A computer by adding 3x USB-A &
1x USB-C ports; SuperSpeed 10Gbps USB 3.2/3.1 Gen 2 hub; 3.3 ft (1m) USB-C & USB-A host cables included (w/
screw-lock)
• ESD PROTECTION: Featuring 15kV Air and 8kV Contact electrostatic discharge protection & 350W surge
protection, this rugged metal-enclosed hub is suitable for harsh industrial/commercial environments
• POWER & CHARGE: Self powered USB C hub w/ 36W power adapter & terminal block connector (7-24V DC
inputs); Charging w/BC 1.2 for 30W total on all ports Provides 12W (2.4A) on all ports up to a total 30W draw
• INSTALLATION FLEXIBILITY: Mountable USB Type-C Hub with built-in ear mounting allows for wall/surface
mounting; All USB-A & USB-C ports on hub feature screw-lock connectors to prevent accidental cable release
• COMPATIBILITY: USB expansion hub is OS independent, supports Windows, macOS, Linux, iPadOS, Chrome OS,
Android; Thunderbolt 3 & USB 3.0/2.0 compatible; For use in manufacturing, automation, labs, schools, IT




Similar Part No. - HB31C3A1CME

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB31C3A1CPD3 STARTECH-HB31C3A1CPD3 Datasheet
60Kb / 4P
4 Port USB C Hub (10Gbps) to 3x USB-A & 1x USB-C - 100W Power Delivery Passthrough Charging - Portable USB 3.1 Gen 2/USB 3.2 Gen 2 Type C Laptop Adapter - Works w/ TB3
HB31C3A1CS STARTECH-HB31C3A1CS Datasheet
149Kb / 5P
4-Port USB-C™ Hub 10 Gbps - 3x USB-A & 1x USB-C - Powered
More results


Similar Description - HB31C3A1CME

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
CG-7P4C3A COOLGEAR-CG-7P4C3A Datasheet
2Mb / 3P
7-port (4C 3A) Type-C USB 3.2 Gen 2 Hub w/ 15KV ESD Surge Protection
Rev 04.210714
CG-7PU312C COOLGEAR-CG-7PU312C Datasheet
119Kb / 3P
USB-C 7 Port Hub with 2 USB-C and 5 USB-A – DIN Rail and Surge Protection
CG-UC31PD4H COOLGEAR-CG-UC31PD4H Datasheet
2Mb / 3P
USB-C 4-Port Hub w/Power Delivery & 15KV ESD Surge Protection USB 3.2 Gen1
Rev 04.210518
USBG-4U3MLR2 COOLGEAR-USBG-4U3MLR2 Datasheet
3Mb / 3P
4 Port USB 3.2 Gen 1 Powered Hub w/ ESD Surge Protection
Rev 04.220304
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com