Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB31C3A1CPD3 Datasheet (PDF) - StarTech.com Ltd.

HB31C3A1CPD3 Datasheet PDF - StarTech.com Ltd.
Part # HB31C3A1CPD3
Download  HB31C3A1CPD3 Download
File Size   60.52 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB C Hub (10Gbps) to 3x USB-A & 1x USB-C - 100W Power Delivery Passthrough Charging - Portable USB 3.1 Gen 2/USB 3.2 Gen 2 Type C Laptop Adapter - Works w/ TB3

HB31C3A1CPD3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HB31C3A1CPD3 Datasheet PDF - StarTech.com Ltd.

Part # HB31C3A1CPD3
Download  HB31C3A1CPD3 Click to download

File Size   60.52 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB C Hub (10Gbps) to 3x USB-A & 1x USB-C - 100W Power Delivery Passthrough Charging - Portable USB 3.1 Gen 2/USB 3.2 Gen 2 Type C Laptop Adapter - Works w/ TB3

HB31C3A1CPD3 Datasheet (HTML) - StarTech.com Ltd.


HB31C3A1CPD3 Product details

Applications
• Ideal for mobile workers, for use in the office and at home
• Compact size works well in small or shared workspaces such as hot desks

Features
• 4 PORT USB-C HUB WITH Power Delivery: From a 10Gbps USB-C host port, add 3x USB-A & 1x USB-C ports w/
this USB 3.2 Gen 2 (USB 3.1 Gen 2) SuperSpeed 10Gbps hub; USB 3.0/2.0 Compatible; USB Bus powered
• 100W POWER DELIVERY PASSTHROUGH: Use a USB-C power adapter to charge laptop (up to 85W) & power
the hub/downstream port operation (15W); PD 3.0 prevents USB device drop out when power is added/removed
• COMPACT & PORTABLE: A light weight USB C hub with durable aluminum housing, 9.8in (25 cm) length attached
USB Type-C host cable and small form factor [3.7in (95 mm) x 1.8in (45 mm) x 0.6in (1.6 cm)]
• WIDE OPERATING SYSTEM COMPATIBILITY: USB C to USB A/USB C adapter hub with driverless setup,
Thunderbolt 3 compatible (up to 10Gbps), supports Windows, macOS, Linux, iPadOS, Chrome OS and Android
• STARTECH.COM ADVANTAGE: IT professionals choice for over 30 years; This 4 Port USB C Hub is backed for
2-years by StarTech.com, including free 24/5 North America based multi-lingual tech support




Similar Part No. - HB31C3A1CPD3

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB31C3A1CME STARTECH-HB31C3A1CME Datasheet
63Kb / 5P
4 Port USB C Hub 10Gbps - Metal Industrial USB Type-C Hub w/ 3xUSB-A & 1xUSB-C - ESD & Surge Protection - USB-C or USB-A Host - Self-Powered Mountable USB 3.2/3.1 Gen 2 Hub
HB31C3A1CS STARTECH-HB31C3A1CS Datasheet
149Kb / 5P
4-Port USB-C™ Hub 10 Gbps - 3x USB-A & 1x USB-C - Powered
More results


Similar Description - HB31C3A1CPD3

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U460-002-2AM-C TRIPPLITE-U460-002-2AM-C Datasheet
496Kb / 2P
2-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x2) USB-A, USB-C Charging Port and Micro SD & SD/MMC Reader
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
U460-ST4-4A-C TRIPPLITE-U460-ST4-4A-C Datasheet
174Kb / 3P
4-Port USB-C Hub with Laptop Stand - USB 3.2 Gen 1, 4 USB-A Ports, Thunderbolt 3, 100W PD Charging, Silver
logo
IOGEAR
G2LU3CAM01 IOGEAR-G2LU3CAM01 Datasheet
158Kb / 2P
Charge & Sync Flip USB 3.1 Gen 2 A to USB-C Cable 10Gbps (USB-IF)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com