Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB31C3A1CS Datasheet (PDF) - StarTech.com Ltd.

HB31C3A1CS Datasheet PDF - StarTech.com Ltd.
Part # HB31C3A1CS
Download  HB31C3A1CS Download
File Size   149.93 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4-Port USB-C™ Hub 10 Gbps - 3x USB-A & 1x USB-C - Powered

HB31C3A1CS Datasheet (PDF)

Go To PDF Page Download Datasheet
HB31C3A1CS Datasheet PDF - StarTech.com Ltd.

Part # HB31C3A1CS
Download  HB31C3A1CS Click to download

File Size   149.93 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4-Port USB-C™ Hub 10 Gbps - 3x USB-A & 1x USB-C - Powered

HB31C3A1CS Datasheet (HTML) - StarTech.com Ltd.


HB31C3A1CS Product details

Features
• Adds one USB-C and three USB-A ports (including one fast-charge BC
1.2 port) to your Mac, Windows, Linux or other USB-C laptop or USBC
enabled tablet (ie. iPad Pro)
• USB hub is self-powered with included universal power adapter
• USB Type-C hub supports USB 3.1 Gen 2 data transfer rates up to 10
Gbps
• Mountable with StarTech.com dock mounts for flexible wall and
desktop installations
• Compact design with an extended host cable of 3.3’ (1 m) to
accommodate a variety of setups
• Plug-and-play installation with no drivers required




Similar Part No. - HB31C3A1CS

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB31C3A1CME STARTECH-HB31C3A1CME Datasheet
63Kb / 5P
4 Port USB C Hub 10Gbps - Metal Industrial USB Type-C Hub w/ 3xUSB-A & 1xUSB-C - ESD & Surge Protection - USB-C or USB-A Host - Self-Powered Mountable USB 3.2/3.1 Gen 2 Hub
HB31C3A1CPD3 STARTECH-HB31C3A1CPD3 Datasheet
60Kb / 4P
4 Port USB C Hub (10Gbps) to 3x USB-A & 1x USB-C - 100W Power Delivery Passthrough Charging - Portable USB 3.1 Gen 2/USB 3.2 Gen 2 Type C Laptop Adapter - Works w/ TB3
More results


Similar Description - HB31C3A1CS

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
U428-003-G2 TRIPPLITE-U428-003-G2 Datasheet
167Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB-A (M/M), 3 ft.
U460-004-4A-G2 TRIPPLITE-U460-004-4A-G2 Datasheet
169Kb / 3P
USB 3.1 Gen 2 USB-C Hub, 10 Gbps - 4 USB-A Ports, Thunderbolt 3, Portable, Aluminum Housing
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
logo
Tripp Lite. All Rights ...
U329-000-10G TRIPPLITE-U329-000-10G Datasheet
41Kb / 3P
USB-C to USB-A Adapter (F/M), USB 3.2 Gen 2 (10 Gbps)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com