Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB31C3A1CS Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # HB31C3A1CS
Description  4-Port USB-C™ Hub 10 Gbps - 3x USB-A & 1x USB-C - Powered
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB31C3A1CS Datasheet(HTML) 1 Page - StarTech.com Ltd.

  HB31C3A1CS Datasheet HTML 1Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 2Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 3Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 4Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4-Port USB-C™ Hub 10 Gbps - 3x USB-A & 1x USB-C
- Powered
Product ID: HB31C3A1CS
Expand the connectivity of your USB-C laptop with this new generation USB-C 3.1 Gen 2 hub offering
10Gbps supporting greater bus bandwidth to connected devices and faster data transfer speeds. This self-
powered 4-Port USB-C hub plugs into the USB Type-C™ or Thunderbolt™ 3 port on your device, adding one
USB-C port and three USB-A ports, so you can quickly connect more USB devices. 
Easy Setup & Installation
This compact, lightweight USB-Type-C hub is a convenient and compact addition to your
laptop setup. The hub is self-powered and includes a universal power adapter to provide better support of
USB devices, such as external storage, that may draw more power.
The USB-C host cable is detached and with an extended length of 3.3’ (1 m), it provides more flexibility
for longer reach connection requirements and plug and play installation.  
For added flexibility and security, the mini hub features mounting holes to work with StarTech.com dock
mounts such as SSPMSVESA or SSPMSUDWM.
www.startech.com
1 800 265 1844


Similar Part No. - HB31C3A1CS

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB31C3A1CME STARTECH-HB31C3A1CME Datasheet
63Kb / 5P
4 Port USB C Hub 10Gbps - Metal Industrial USB Type-C Hub w/ 3xUSB-A & 1xUSB-C - ESD & Surge Protection - USB-C or USB-A Host - Self-Powered Mountable USB 3.2/3.1 Gen 2 Hub
HB31C3A1CPD3 STARTECH-HB31C3A1CPD3 Datasheet
60Kb / 4P
4 Port USB C Hub (10Gbps) to 3x USB-A & 1x USB-C - 100W Power Delivery Passthrough Charging - Portable USB 3.1 Gen 2/USB 3.2 Gen 2 Type C Laptop Adapter - Works w/ TB3
More results

Similar Description - HB31C3A1CS

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
U428-003-G2 TRIPPLITE-U428-003-G2 Datasheet
167Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB-A (M/M), 3 ft.
U460-004-4A-G2 TRIPPLITE-U460-004-4A-G2 Datasheet
169Kb / 3P
USB 3.1 Gen 2 USB-C Hub, 10 Gbps - 4 USB-A Ports, Thunderbolt 3, Portable, Aluminum Housing
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
logo
Tripp Lite. All Rights ...
U329-000-10G TRIPPLITE-U329-000-10G Datasheet
41Kb / 3P
USB-C to USB-A Adapter (F/M), USB 3.2 Gen 2 (10 Gbps)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com