Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB31C3A1CS Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # HB31C3A1CS
Description  4-Port USB-C™ Hub 10 Gbps - 3x USB-A & 1x USB-C - Powered
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB31C3A1CS Datasheet(HTML) 3 Page - StarTech.com Ltd.

  HB31C3A1CS Datasheet HTML 1Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 2Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 3Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 4Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Certifications, Reports
and Compatibility
Features
•
Adds one USB-C and three USB-A ports (including one fast-charge BC
1.2 port) to your Mac, Windows, Linux or other USB-C laptop or USB-
C enabled tablet (ie. iPad Pro)
•
USB hub is self-powered with included universal power adapter
•
USB Type-C hub supports USB 3.1 Gen 2 data transfer rates up to 10
Gbps
•
Mountable with StarTech.com dock mounts for flexible wall and
desktop installations
•
Compact design with an extended host cable of 3.3’ (1 m) to
accommodate a variety of setups
•
Plug-and-play installation with no drivers required
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com