Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB31C3A1CS Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # HB31C3A1CS
Description  4-Port USB-C™ Hub 10 Gbps - 3x USB-A & 1x USB-C - Powered
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB31C3A1CS Datasheet(HTML) 2 Page - StarTech.com Ltd.

  HB31C3A1CS Datasheet HTML 1Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 2Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 3Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 4Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Connect USB-C & USB-A Peripherals 
With ports for both USB-C and USB-A peripherals, this hub is backward compatible supporting both legacy
and new USB devices. It features one always-on USB-A fast-charge port which supports two modes of
operation:
1.
•
Data transfer and charging when the laptop is connected and on
2.
•
Dedicated or hostless charging which provides a higher charging current, when the host is off, on standby,
or disconnected
You can connect video capture devices, portable flash drives, and external hard drives, with fast data
transfer speeds of up to 10 Gbps. This 4 port USB Type-C hub enhances your productivity, giving you the
connections you need while you work or travel.  
The IT Pro’s Choice Since 1985
StarTech.com conducts thorough compatibility and performance testing on all our products to ensure we
are meeting or exceeding industry standards and providing high-quality products to IT Professionals. Our
local StarTech.com Technical Advisors have broad product expertise and work directly with our
StarTech.com Engineers to provide support for our customers both pre and post-sales.
HB31C3A1CS is backed by a StarTech.com 2-year warranty and free lifetime technical support. 
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com