Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB31C3A1CS Datasheet(PDF) 5 Page - StarTech.com Ltd.

Part # HB31C3A1CS
Description  4-Port USB-C™ Hub 10 Gbps - 3x USB-A & 1x USB-C - Powered
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB31C3A1CS Datasheet(HTML) 5 Page - StarTech.com Ltd.

  HB31C3A1CS Datasheet HTML 1Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 2Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 3Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 4Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Operating Temperature
0 to 50°C
Storage Temperature
-20 to 70°C
Physical
Characteristics
Cable Length
3.3 ft [1 m]
Color
Black & Space Gray
Form Factor
Desktop
Material
Aluminum and Plastic
Product Height
1 in [2.5 cm]
Product Length
3.9 in [100 mm]
Product Width
2.4 in [60 mm]
Weight of Product
0 oz [0 g]
Packaging
Information
Package Height
5.9 in [149 mm]
Package Length
8.4 in [213 mm]
Package Width
2 in [51 mm]
Shipping (Package) Weight
1 lb [0.5 kg]
What's in the Box
Included in Package
1 - USB-C Hub
1 - Universal Power Adapter
4 - Power Adapter Clips (NA/JP, UK, EU, ANZ)
1 - USB-C Host Cable (1 m)
Product appearance and specifications are subject to change without notice.
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com