Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB31C3A1CS Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # HB31C3A1CS
Description  4-Port USB-C™ Hub 10 Gbps - 3x USB-A & 1x USB-C - Powered
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB31C3A1CS Datasheet(HTML) 4 Page - StarTech.com Ltd.

  HB31C3A1CS Datasheet HTML 1Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 2Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 3Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 4Page - StarTech.com Ltd. HB31C3A1CS Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Warranty
2 Years
Hardware
Bus Type
USB 3.1 Gen 2
Chipset ID
Realtek - RTS5423
Industry Standards
USB 3.2 Gen 2 - Backwards compatible with USB 3.0, 2.0,
and 1.1
Interface
USB 3.1 Gen 2
Ports
4
USB-C Device Port(s)
Yes
USB-C Host Connection
Yes
Performance
Maximum Data Transfer Rate
10 Gbps
Supported Charging Modes
Charging Downstream Port (CDP)
Dedicated Charging Port (DCP)
Supported Charging Outputs
BC 1.2 (1.5A)
Apple 1A
Apple 2.4A
Type and Rate
USB 3.2 Gen 2 - 10 Gbit/s
UASP Support
Yes
Connector(s)
Connector Type(s)
1 - USB 3.1 USB Type C (10 pin, Gen 2, 10 Gbps)
Receptacle
1 - USB 3.1 USB Type C (10 pin, Gen 2, 10 Gbps)
Receptacle
3 - USB 3.1 USB Type-A (9 pin, Gen 2, 10 Gbps) Receptacle
Software
OS Compatibility
OS Independent
Indicators
LED Indicators
1 - Green: Power and Link Indicator
Power
Center Tip Polarity
Positive
Input Current
0.8A
Input Voltage
110V-240V AC
Output Current
2A
Output Voltage
12V DC
Plug Type
M
Power Consumption (In Watts)
24W
Power Source
AC Adapter Included
Environmental
Humidity
0% to 95% (non-condensing) at 25°C
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com