Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J4859CST Datasheet (PDF) - StarTech.com Ltd.

J4859CST Datasheet PDF - StarTech.com Ltd.
Part # J4859CST
Download  J4859CST Download
File Size   160.45 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description HP J4859C Compatible SFP Transceiver Module -1000BASE-LX

J4859CST Datasheet (PDF)

Go To PDF Page Download Datasheet
J4859CST Datasheet PDF - StarTech.com Ltd.

Part # J4859CST
Download  J4859CST Click to download

File Size   160.45 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description HP J4859C Compatible SFP Transceiver Module -1000BASE-LX

J4859CST Datasheet (HTML) - StarTech.com Ltd.


J4859CST Product details

Applications
• Replacing defective or damaged SFP modules in HP switches and
routers
• Expand your network to remote segments
Features
• 100% compatibility with HP J4859C guaranteed
• StarTech.com SFP modules are backed by a lifetime warranty
• Meets or exceeds OEM specifications and Multi-Source Agreement
(MSA) industry standards
• Low power consumption of less than 1 W
• Hot-swappable with fiber-optic modules




Similar Part No. - J4859CST

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
J4859C-C ATGBICS-J4859C-C Datasheet
322Kb / 9P
J4859C HPE Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Similar Description - J4859CST

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N286-01GLX-SLX TRIPPLITE-N286-01GLX-SLX Datasheet
163Kb / 3P
HP J4859C Compatible 1000Base-LX LC SFP Transceiver, DDM, Singlemode, 1310 nm, 10 km
logo
ATGBICS by Approved Tec...
1000BASE-LX-SFP-C ATGBICS-1000BASE-LX-SFP-C Datasheet
322Kb / 9P
1000BASE-LX-SFP Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
J4859C-C ATGBICS-J4859C-C Datasheet
322Kb / 9P
J4859C HPE Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
OAW-SFP-LX-C ATGBICS-OAW-SFP-LX-C Datasheet
325Kb / 9P
OAW-SFP-LX Alcatel Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1310NM-1000BASE-LX-C ATGBICS-SFP-1310NM-1000BASE-LX-C Datasheet
323Kb / 9P
SFP-1310nm-1000BASE-LX Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1GE-LX-C ATGBICS-SFP-1GE-LX-C Datasheet
322Kb / 9P
SFP-1GE-LX Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-GE-LX-C ATGBICS-SFP-GE-LX-C Datasheet
322Kb / 9P
SFP-GE-LX Redback Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-LX-10-C ATGBICS-SFP-LX-10-C Datasheet
322Kb / 9P
SFP-LX-10 ZyXEL Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-LX-AU-C ATGBICS-SFP-LX-AU-C Datasheet
322Kb / 9P
SFP-LX-AU HP Aruba Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-LXU-C ATGBICS-SFP-LXU-C Datasheet
322Kb / 9P
SFP-LXU HP Aruba Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com