Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J4859CST Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # J4859CST
Description  HP J4859C Compatible SFP Transceiver Module -1000BASE-LX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

J4859CST Datasheet(HTML) 3 Page - StarTech.com Ltd.

  J4859CST Datasheet HTML 1Page - StarTech.com Ltd. J4859CST Datasheet HTML 2Page - StarTech.com Ltd. J4859CST Datasheet HTML 3Page - StarTech.com Ltd. J4859CST Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Certifications, Reports
and Compatibility
Applications
•
Replacing defective or damaged SFP modules in HP switches and
routers
•
Expand your network to remote segments
Features
•
100% compatibility with HP J4859C guaranteed
•
StarTech.com SFP modules are backed by a lifetime warranty
•
Meets or exceeds OEM specifications and Multi-Source Agreement
(MSA) industry standards
•
Low power consumption of less than 1 W
•
Hot-swappable with fiber-optic modules
www.startech.com/uk
0800 169 0408



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com