Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J4859CST Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # J4859CST
Description  HP J4859C Compatible SFP Transceiver Module -1000BASE-LX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

J4859CST Datasheet(HTML) 4 Page - StarTech.com Ltd.

  J4859CST Datasheet HTML 1Page - StarTech.com Ltd. J4859CST Datasheet HTML 2Page - StarTech.com Ltd. J4859CST Datasheet HTML 3Page - StarTech.com Ltd. J4859CST Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Warranty
Lifetime
Hardware
Compatible Brand
HP
Industry Standards
IEEE 802.3z 1000BASE-LX
Performance
Compatible Networks
1000 Mbps (1 Gbps)
DDM
Yes
Fiber Operating Mode
Full-Duplex
Max Transfer Distance
10 km (6.2 mi)
Maximum Data Transfer Rate
1.25 Gbps
MTBF
3,092,408 hours
Type
Single Mode / Multi Mode
Wavelength
1310nm
Connector(s)
Local Unit Connectors
1 - Fiber Optic LC Duplex Female
Special Notes /
Requirements
System and Cable Requirements
MSA or HP compliant SFP port
For use in Gigabit fiber networking equipment and media
converters
Power
Power Consumption (In Watts)
< 1 W
Environmental
Humidity
5~95% RH
Operating Temperature
0°C to 70°C (32°F to 158°F)
Storage Temperature
-40°C to 85°C (-40°F to 185°F)
Physical
Characteristics
Color
Silver
Enclosure Type
Aluminum
Product Height
13 mm [0.5 in]
Product Length
57 mm [2.2 in]
Product Weight
16 g [0.6 oz]
Product Width
14 mm [0.6 in]
Packaging
Information
Shipping (Package) Weight
45 g [1.6 oz]
What's in the Box
Included in Package
1 - SFP transceiver
Product appearance and specifications are subject to change without notice.
www.startech.com/uk
0800 169 0408



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com