Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2RMDCL-8-B Datasheet (PDF) - YAGEO Corporation

2RMDCL-8-B Datasheet PDF - YAGEO Corporation
Part # 2RMDCL-8-B
Download  2RMDCL-8-B Download
File Size   653.88 Kbytes
Page   7 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description GAS DISCHARGE TUBES TELEPHONE INTERFACE

2RMDCL-8-B Datasheet (PDF)

Go To PDF Page Download Datasheet
2RMDCL-8-B Datasheet PDF - YAGEO Corporation

Part # 2RMDCL-8-B
Download  2RMDCL-8-B Click to download

File Size   653.88 Kbytes
Page   7 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description GAS DISCHARGE TUBES TELEPHONE INTERFACE

2RMDCL-8-B Datasheet (HTML) - YAGEO Corporation


2RMDCL-8-B Product details

Features
■ Provide ultra-fast response to surge voltage from slow-rising
surge of 100V/s to rapid-rising surge of 1KV/μs
■ Stable breakdown voltage
■ High insulation resistance
■ Low capacitance (≤1.5pF)
■ High holdover voltage
■ Large absorbing transient current capability
■ Micro-Gap Design
■ Size: 8.0mm*6.0mm
■ Storage and operating temperature: -40℃ ~ +85℃
■ Meets MSL level 1, per J-STD-020
■ Safety certification: UL
Applications
■ Repeaters, Modems
■ Telephone Interface, Line cards
■ Data communication equipment
■ Line test equipment




Similar Part No. - 2RMDCL-8-B

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
2RMDCL-8T6/B YAGEO-2RMDCL-8T6/B Datasheet
423Kb / 6P
GAS DISCHARGE TUBES TELEPHONE INTERFACE
March 16, 2022
2RMDCL-8T6/TR YAGEO-2RMDCL-8T6/TR Datasheet
423Kb / 6P
GAS DISCHARGE TUBES TELEPHONE INTERFACE
March 16, 2022
More results


Similar Description - 2RMDCL-8-B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
Gas Discharge Tubes
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
Gas Discharge Tubes
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
GAS DISCHARGE TUBES
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
GAS DISCHARGE TUBES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com