Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2RMDCL-8-B Datasheet(PDF) 3 Page - YAGEO Corporation

Part # 2RMDCL-8-B
Description  GAS DISCHARGE TUBES TELEPHONE INTERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

2RMDCL-8-B Datasheet(HTML) 3 Page - YAGEO Corporation

  2RMDCL-8-B Datasheet HTML 1Page - YAGEO Corporation 2RMDCL-8-B Datasheet HTML 2Page - YAGEO Corporation 2RMDCL-8-B Datasheet HTML 3Page - YAGEO Corporation 2RMDCL-8-B Datasheet HTML 4Page - YAGEO Corporation 2RMDCL-8-B Datasheet HTML 5Page - YAGEO Corporation 2RMDCL-8-B Datasheet HTML 6Page - YAGEO Corporation 2RMDCL-8-B Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Product Specification
2R-8x6 series
GAS DISCHARGE TUBS
Circuit Protection
www.yageo.com
Feb. 02, 2021 V.1
Dimensions
L Type
L
T
d
D
D
Symbol
Dimension (mm)
Spec.
Tolerance
D
8.0
+0.3, -0.5
T
6.0
+0.3, -0.5
d
0.8
±0.1
L
30.0
Max.
M Type
1.5
6.0
Recommended Pad Size
B
D
T
D
8.0
+0.3, -0.5
T
6.0
+0.3, -0.5
B
0.5
±0.1
Electrical Characteristics
Part
Number
DC
Spark-over
Voltage
Maximum
Impulse
Spark-over
Voltage
Nominal
Impulse
Discharge
Current
Alternating
Discharge
Current
Impulse
Life
Minimum
Insulation
Resistance
Maximum
Capacitance
Device
Marking
Code
100V/s
1000V/μs
8/20μs
10times
50Hz,1sec
10/1000μs
100A
Test
Voltage
(GΩ)
1MHz
(V)
(V)
(KA)
(A)
(times)
DC(V)
(pF)
2RM075L-8
2RM075M-8
75±20%
600
10
10
500
25
1.0
1.5
2RM075-8
2RM090L-8
2RM090M-8
90±20%
600
10
10
500
50
1.0
1.5
2RM090-8
2RM120L-8
2RM120M-8
120±20%
600
10
10
500
50
1.0
1.5
2RM120-8
2RM145L-8
2RM145M-8
145±20%
700
10
10
500
100
1.0
1.5
2RM145-8
2RM150L-8
2RM150M-8
150±20%
700
10
10
500
100
1.0
1.5
2RM150-8
2RM230L-8
2RM230M-8
230±20%
700
10
10
500
100
1.0
1.5
2RM230-8
2RM250L-8
2RM250M-8
250±20%
800
10
10
500
100
1.0
1.5
2RM250-8
2RM300L-8
2RM300M-8
300±20%
900
10
10
500
100
1.0
1.5
2RM300-8
2RM350L-8
2RM350M-8
350±20%
900
10
10
500
100
1.0
1.5
2RM350-8
2RM400L-8
2RM400M-8
400±20%
1000
10
10
500
100
1.0
1.5
2RM400-8
2RM470L-8
2RM470M-8
470±20%
1100
10
10
500
250
1.0
1.5
2RM470-8
2RM600L-8
2RM600M-8
600±20%
1300
10
10
500
250
1.0
1.5
2RM600-8
2RM800L-8
2RM800M-8
800±20%
1500
10
10
500
250
1.0
1.5
2RM800-8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com