Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2RMDCL-8-B Datasheet(PDF) 2 Page - YAGEO Corporation

Part # 2RMDCL-8-B
Description  GAS DISCHARGE TUBES TELEPHONE INTERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

2RMDCL-8-B Datasheet(HTML) 2 Page - YAGEO Corporation

  2RMDCL-8-B Datasheet HTML 1Page - YAGEO Corporation 2RMDCL-8-B Datasheet HTML 2Page - YAGEO Corporation 2RMDCL-8-B Datasheet HTML 3Page - YAGEO Corporation 2RMDCL-8-B Datasheet HTML 4Page - YAGEO Corporation 2RMDCL-8-B Datasheet HTML 5Page - YAGEO Corporation 2RMDCL-8-B Datasheet HTML 6Page - YAGEO Corporation 2RMDCL-8-B Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Specification
2R-8x6 series
GAS DISCHARGE TUBS
Circuit Protection
www.yageo.com
Feb. 02, 2021 V.1
Gas Discharge Tube (GDT) Data Sheet
Features
■ Provide ultra-fast response to surge voltage from slow-rising
surge of 100V/s to rapid-rising surge of 1KV/
μs
■ Stable breakdown voltage
■ High insulation resistance
■ Low capacitance (
≤1.5pF)
■ High holdover voltage
■ Large absorbing transient current capability
■ Micro-Gap Design
■ Size: 8.0mm*6.0mm
■ Storage and operating temperature: -40
℃ ~ +85℃
■ Meets MSL level 1, per J-STD-020
■ Safety certification: UL
Applications
■ Repeaters, Modems
■ Telephone Interface, Line cards
■ Data communication equipment
■ Line test equipment
Part Number Code
2
R
Electrical
Characteristics
M: 10KA
P: 20KA
DC
Spark-over
Voltage
Lead Type
L: Lead
M: SMD
Dimensions
8: 8.0mm×6.0mm
Electrode Numbers
2R: 2 Electrodes
8
Packing Code
B : Box package
TR: Tape & Reel package
Ordering Code for different package in 2RMxxxL-8 and 2RPxxxL-8 series
Box package: Add suffix“/B”at the end of the part number, such as 2RM075L-8/B or 2RP075L-8/B
Tape & Reel package: Add suffix“/TR”at the end of the part number, such as 2RM075L-8/TR or 2RP075L-8/TR
Marking
: BritghtKing Logo
2RM090-8 : Device Marking Code
XXXX
: Internal Control Code



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com