Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5172 Datasheet (PDF) - Analog Devices

AD5172 Datasheet PDF - Analog Devices
Part # AD5172
Download  AD5172 Download
File Size   1843.46 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers

AD5172 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5172 Datasheet PDF - Analog Devices

Part # AD5172
Download  AD5172 Click to download

File Size   1843.46 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers

AD5172 Datasheet (HTML) - Analog Devices


AD5172 Product details

FEATURES
► 2-channel, 256-position potentiometers
► One-time programmable (OTP) set-and-forget resistance setting
provides a low cost alternative to EEMEM
► Unlimited adjustments before OTP activation
► OTP overwrite allows dynamic adjustments with user defined
preset
► End-to-end resistance: 2.5 kΩ, 10 kΩ, and 100 kΩ
► Compact 10-lead MSOP: 3 mm × 4.9 mm
► Fast settling time: tS = 5 μs typical on power-up
► Full read/write of wiper register
► Power-on preset to midscale
► Extra package address decode pins: AD0 and AD1 (AD5173)
► Single supply: 2.7 V to 5.5 V
► Low temperature coefficient: 35 ppm/°C
► Low power: IDD = 6 μA maximum
► Wide operating temperature: −40°C to +125°C

APPLICATIONS
► Systems calibration
► Electronics level setting
► Mechanical trimmers replacement in new designs
► Permanent factory PCB setting
► Transducer adjustment of pressure, temperature, position, chemical,
and optical sensors
► RF amplifier biasing
► Gain control and offset adjustment




Similar Part No. - AD5172

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
11/03-Data Sheet Changed from Rev. 0 to Rev. A
AD5172BRM10 AD-AD5172BRM10 Datasheet
948Kb / 24P
256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
11/03-Data Sheet Changed from Rev. 0 to Rev. A
AD5172BRM10 AD-AD5172BRM10 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5172BRM10-RL7 AD-AD5172BRM10-RL7 Datasheet
948Kb / 24P
256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
11/03-Data Sheet Changed from Rev. 0 to Rev. A
AD5172BRM10-RL7 AD-AD5172BRM10-RL7 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
More results


Similar Description - AD5172

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
11/03-Data Sheet Changed from Rev. 0 to Rev. A
AD5170 AD-AD5170 Datasheet
900Kb / 24P
256-Position Two-Time Programmable I2C Digital Potentiometer
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
I2C Compatible 256-Position Digital Potentiometers
8/02-Data Sheet changed from REV. A to REV. B.
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
4/16-Rev. B to Rev. C
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
4/16-Rev. B to Rev. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
11/2017-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com