Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5170 Datasheet (PDF) - Analog Devices

AD5170 Datasheet PDF - Analog Devices
Part # AD5170
Download  AD5170 Download
File Size   900.19 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 256-Position Two-Time Programmable I2C Digital Potentiometer

AD5170 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5170 Datasheet PDF - Analog Devices

Part # AD5170
Download  AD5170 Click to download

File Size   900.19 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 256-Position Two-Time Programmable I2C Digital Potentiometer

AD5170 Datasheet (HTML) - Analog Devices


AD5170 Product details

GENERAL DESCRIPTION
The AD5170 is a 256-position, two-time programmable, digital potentiometer1 that employs fuse link technology, giving users two opportunities to permanently program the resistance setting. For users who do not need to program the digital potentiometer setting in memory more than once, the OTP feature is a costeffective alternative to EEMEM.

FEATURES
    256-position digital potentiometer
    Two-time programmable (TTP) set-and-forget resistance
        setting allows second-chance permanent programming
    Unlimited adjustments prior to one-time programming
        (OTP) activation
    OTP overwrite allows dynamic adjustments with userdefined preset
    End-to-end resistance: 2.5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
    Compact 10-lead MSOP: 3 mm × 4.9 mm package
    Fast settling time: tS = 5 μs typical in power-up
    Full read/write of wiper register
    Power-on preset to midscale
    Extra package address decode pins: AD0 and AD1
    Single supply: 2.7 V to 5.5 V
    Low temperature coefficient: 35 ppm/°C
    Low power: IDD = 6 μA maximum
    Wide operating temperature: −40°C to +125°C
    Evaluation board and software are available
    Software replaces MicroConverter® in factory programming
        applications

APPLICATIONS
    Systems calibration
    Electronics level setting
    Mechanical trimmers replacement in new designs
    Permanent factory PCB settings
    Transducer adjustment of pressure, temperature, position,
        chemical, and optical sensors
    RF amplifier biasing
    Automotive electronics adjustments
    Gain control and offset adjustments




Similar Part No. - AD5170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD517 AD-AD517 Datasheet
312Kb / 6P
Low Cost, Laser Trimmed, Precision IC Op Amp
REV. A
AD5171 AD-AD5171 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
AD5171 AD-AD5171 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5171BRJ10-R2 AD-AD5171BRJ10-R2 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
AD5171BRJ10-R2 AD-AD5171BRJ10-R2 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
More results


Similar Description - AD5170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
11/03-Data Sheet Changed from Rev. 0 to Rev. A
AD5245 AD-AD5245 Datasheet
995Kb / 16P
256-Position I2C Compatible Digital Potentiometer
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
AD5259 AD-AD5259 Datasheet
245Kb / 14P
Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Revision 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com