Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5170 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5170
Description  256-Position Two-Time Programmable I2C Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5170 Datasheet(HTML) 2 Page - Analog Devices

  AD5170 Datasheet HTML 1Page - Analog Devices AD5170 Datasheet HTML 2Page - Analog Devices AD5170 Datasheet HTML 3Page - Analog Devices AD5170 Datasheet HTML 4Page - Analog Devices AD5170 Datasheet HTML 5Page - Analog Devices AD5170 Datasheet HTML 6Page - Analog Devices AD5170 Datasheet HTML 7Page - Analog Devices AD5170 Datasheet HTML 8Page - Analog Devices AD5170 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5170
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Electrical Characteristics — 2.5 kΩ ............................................... 3
Electrical Characteristics — 10 kΩ, 50 kΩ, 100 kΩ Versions..... 4
Timing Characteristics — 2.5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
Versions.............................................................................................. 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Typical Performance Characteristics ............................................. 7
Test Circuits..................................................................................... 11
Theory of Operation ...................................................................... 12
One-Time Programming (OTP) .............................................. 12
Programming the Variable Resistor and Voltage ................... 12
Programming the Potentiometer Divider ............................... 13
ESD Protection ........................................................................... 14
Terminal Voltage Operating Range ......................................... 14
Power-Up Sequence ................................................................... 14
Power Supply Considerations................................................... 14
Layout Considerations............................................................... 15
Evaluation Software/Hardware..................................................... 16
Software Programming ............................................................. 16
I2C Interface .................................................................................... 18
I2C Compatible 2-Wire Serial Bus ........................................... 20
Pin Configuration and Function Descriptions........................... 22
Outline Dimensions ....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
11/04—Data Sheet Changed from Rev. 0 to Rev. A
Changes to Electrical Characteristics Table 1 ............................... 3
Changes to Electrical Characteristics Table 2 ............................... 4
Changes to One-Time Programming ......................................... 12
Changes to Figure 37, Figure 38, and Figure 39 ........................ 14
Changes to Power Supply Considerations................................... 14
Changes to Figure 40...................................................................... 15
Changes to Layout Considerations .............................................. 15
11/03—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com