Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5170 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5170
Description  256-Position Two-Time Programmable I2C Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5170 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5170 Datasheet HTML 9Page - Analog Devices AD5170 Datasheet HTML 10Page - Analog Devices AD5170 Datasheet HTML 11Page - Analog Devices AD5170 Datasheet HTML 12Page - Analog Devices AD5170 Datasheet HTML 13Page - Analog Devices AD5170 Datasheet HTML 14Page - Analog Devices AD5170 Datasheet HTML 15Page - Analog Devices AD5170 Datasheet HTML 16Page - Analog Devices AD5170 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD5170
Rev. A | Page 13 of 24
D5
D4
D3
D7
D6
D2
D1
D0
RDAC
LATCH
AND
DECODER
RS
RS
RS
RS
A
W
B
SD BIT
Figure 32. AD5170 Equivalent RDAC Circuit
The general equation that determines the digitally programmed
output resistance between Terminal W and Terminal B is
W
AB
WB
R
R
D
D
R
×
+
×
=
2
128
)
(
(1)
where D is the decimal equivalent of the binary code loaded in
the 8-bit RDAC register, RAB is the end-to-end resistance, and
RW is the wiper resistance contributed by the on resistance of
the internal switch.
In summary, if RAB = 10 kΩ and the A terminal is open-
circuited, the output resistance RWB is set for the RDAC latch
codes, as shown in Table 5.
Table 5. Codes and Corresponding RWB Resistance
D (Dec.)
RWB (Ω)
Output State
255
9,961
Full Scale (RAB – 1 LSB + RW)
128
5,060
Midscale
1
139
1 LSB
0
100
Zero Scale (Wiper Contact Resistance)
Note that in the zero-scale condition, a finite wiper resistance of
100 Ω is present. Care should be taken to limit the current flow
between Terminal W and Terminal B in this state to a maximum
pulse current of no more than 20 mA. Otherwise, degradation
or possible destruction of the internal switch contact can occur.
Similar to the mechanical potentiometer, the resistance of the
RDAC between the wiper, Terminal W, and Terminal A also
produces a digitally controlled complementary resistance, RWA.
When these terminals are used, the B terminal can be opened.
Setting the resistance value for RWA starts at a maximum value
of resistance and decreases as the data loaded in the latch
increases in value. The general equation for this operation is
W
AB
WA
R
R
D
D
R
×
+
×
=
2
128
–
256
)
(
(2)
For RAB = 10 kΩ and the B terminal open-circuited, the
following output resistance, RWA, is set for the RDAC latch
codes, as shown in Table 6.
Table 6. Codes and Corresponding RWA Resistance
D (Dec.)
RWA (Ω)
Output State
255
139
Full Scale
128
5,060
Midscale
1
9,961
1 LSB
0
10,060
Zero Scale
Typical device-to-device matching is process lot dependent and
may vary by up to ±30%. Since the resistance element is pro-
cessed using thin film technology, the change in RAB with
temperature has a very low 35 ppm/°C temperature coefficient.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates a voltage divider at
wiper-to-B and wiper-to-A proportional to the input voltage at
A-to-B. Unlike the polarity of VDD to GND, which must be
positive, voltage across A–B, W–A, and W–B can be at either
polarity.
A
VI
W
B
VO
Figure 33. Potentiometer Mode Configuration
If ignoring the effect of the wiper resistance for approximation,
connecting the A terminal to 5 V and the B terminal to ground
produces an output voltage at the wiper-to-B starting at 0 V up
to 1 LSB less than 5 V. Each LSB of voltage is equal to the
voltage applied across Terminal AB divided by the 256 positions
of the potentiometer divider. The general equation defining the
output voltage at VW with respect to ground for any valid input
voltage applied to Terminal A and Terminal B is
B
A
W
V
D
V
D
D
V
256
256
256
)
(
−
+
=
(3)
For a more accurate calculation, which includes the effect of
wiper resistance, VW can be found as
B
AB
WA
A
AB
WB
W
V
R
D
R
V
R
D
R
D
V
)
(
)
(
)
(
+
=
(4)
Operation of the digital potentiometer in the divider mode
results in a more accurate operation over temperature. Unlike
the rheostat mode, the output voltage is dependent mainly on
the ratio of the internal resistors, RWA and RWB, and not the ab-
solute values. Thus, the temperature drift reduces to 15 ppm/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com