Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5170 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5170
Description  256-Position Two-Time Programmable I2C Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5170 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5170 Datasheet HTML 16Page - Analog Devices AD5170 Datasheet HTML 17Page - Analog Devices AD5170 Datasheet HTML 18Page - Analog Devices AD5170 Datasheet HTML 19Page - Analog Devices AD5170 Datasheet HTML 20Page - Analog Devices AD5170 Datasheet HTML 21Page - Analog Devices AD5170 Datasheet HTML 22Page - Analog Devices AD5170 Datasheet HTML 23Page - Analog Devices AD5170 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD5170
Rev. A | Page 21 of 24
Table 9. Validation Status
E1
E0
Status
0
0
Ready for Programming.
1
0
Fatal Error. Some fuses not blown. Do not retry.
Discard this unit.
1
1
Successful. No further programming is possible.
Multiple Devices on One Bus
Figure 47 shows four AD5170s on the same serial bus. Each has
a different slave address because the states of their AD0 and
AD1 pins are different. This allows each device on the bus to be
written to, or read from, independently. The master device
output bus line drivers are open-drain pull-downs in a fully I2C
compatible interface.
SDA
SDA
AD1
AD0
MASTER
SCL
SCL
AD5170
SDA
AD1
AD0
SCL
AD5170
SDA
AD1
AD0
SCL
AD5170
SDA
5V
RP
RP
5V
5V
5V
AD1
AD0
SCL
AD5170
Figure 47. Multiple AD5170s on One I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com