Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5172 Datasheet (PDF) - Analog Devices

AD5172 Datasheet PDF - Analog Devices
Part # AD5172
Download  AD5172 Download
File Size   948.55 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers

AD5172 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5172 Datasheet PDF - Analog Devices

Part # AD5172
Download  AD5172 Click to download

File Size   948.55 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers

AD5172 Datasheet (HTML) - Analog Devices


AD5172 Product details

GENERAL DESCRIPTION
The AD5172/AD5173 are dual-channel, 256-position, one-time programmable (OTP) digital potentiometers1 that employ fuse link technology to achieve memory retention of resistance settings. OTP is a cost-effective alternative to EEMEM for users who do not need to program the digital potentiometer setting in memory more than once. These devices perform the same electronic adjustment function as mechanical potentiometers or variable resistors but with enhanced resolution, solid-state reliability, and superior low temperature coefficient performance.

FEATURES
    2-channel, 256-position potentiometers
    One-time programmable (OTP) set-and-forget resistance
        setting provides a low cost alternative to EEMEM
    Unlimited adjustments prior to OTP activation
    OTP overwrite allows dynamic adjustments with user-defined preset
    End-to-end resistance: 2.5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ
    Compact 10-lead MSOP: 3 mm × 4.9 mm
    Fast settling time: tS = 5 μs typical on power-up
    Full read/write of wiper register
    Power-on preset to midscale
    Extra package address decode pins: AD0 and AD1 (AD5173 )
    Single supply: 2.7 V to 5.5 V
    Low temperature coefficient: 35 ppm/°C
    Low power: IDD = 6 μA maximum
    Wide operating temperature: −40°C to +125°C

APPLICATIONS
    Systems calibration
    Electronics level setting
    Mechanical trimmers replacement in new designs
    Permanent factory PCB setting
    Transducer adjustment of pressure, temperature, position,
        chemical, and optical sensors
    RF amplifier biasing
    Automotive electronics adjustment
    Gain control and offset adjustment




Similar Part No. - AD5172

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5172BRM10 AD-AD5172BRM10 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5172BRM10-RL7 AD-AD5172BRM10-RL7 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5172BRM100 AD-AD5172BRM100 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5172BRM2.5 AD-AD5172BRM2.5 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5172BRM2.5-RL7 AD-AD5172BRM2.5-RL7 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
More results


Similar Description - AD5172

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5170 AD-AD5170 Datasheet
900Kb / 24P
256-Position Two-Time Programmable I2C Digital Potentiometer
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
I2C Compatible 256-Position Digital Potentiometers
8/02-Data Sheet changed from REV. A to REV. B.
AD5252 AD-AD5252 Datasheet
859Kb / 28P
Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
6/04-Revision 0
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
4/16-Rev. B to Rev. C
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
4/16-Rev. B to Rev. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
11/2017-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com