Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB312A1C1H Datasheet (PDF) - StarTech.com Ltd.

PEXUSB312A1C1H Datasheet PDF - StarTech.com Ltd.
Part # PEXUSB312A1C1H
Download  PEXUSB312A1C1H Download
File Size   166.38 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 5-Port USB PCIe Card - 10Gbps USB 3.1 Gen 2 PCIe Card w/ 1x USB-C & 2x USB-A - 1x 2 Port IDC (Internal 5Gbps USB Header Expansion) - USB C PCI Express Controller Card

PEXUSB312A1C1H Datasheet (PDF)

Go To PDF Page Download Datasheet
PEXUSB312A1C1H Datasheet PDF - StarTech.com Ltd.

Part # PEXUSB312A1C1H
Download  PEXUSB312A1C1H Click to download

File Size   166.38 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 5-Port USB PCIe Card - 10Gbps USB 3.1 Gen 2 PCIe Card w/ 1x USB-C & 2x USB-A - 1x 2 Port IDC (Internal 5Gbps USB Header Expansion) - USB C PCI Express Controller Card

PEXUSB312A1C1H Datasheet (HTML) - StarTech.com Ltd.


PEXUSB312A1C1H Product details

Applications
• Expand the USB capabilities of your system with two USB-A ports, two USB-C ports and a motherboard header, or
install the card as a vital hardware component when building a new PC
• Upgrade an older PCIe equipped desktop from USB 5Gbps/480Mbps to USB 10Gbps with 1x Type-C and 2x
Type-A
• Ideal for file backups, video editing, and data recovery, using high-bandwidth USB 3.1 Gen 2 external storage
solutions

Features
• HIGH PERFORMANCE: 5-Port USB PCIe card with ASMedia 3142 IC; 10Gbps Hub w/ 3 External Ports (2x USB-A
& 1x USB-C) & two internal ports USB 5Gbps (1x Internal IDC header); Supports up to USB 3.2/3.1 Gen 2; Upgraded
version to our popular card PEXUSB312EIC
• TRANSFER SPEEDS UP TO 10Gbps: USB-A & USB-C PCIe card adapter supports Multiple INs maintaining max
bandwidth with mixed speed devices and UASP optimizing USB performance with external storage devices like
SSDs, HDDs, NVMe drives; Works w/ USB 3.1/3.0/2.0




Similar Part No. - PEXUSB312A1C1H

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEXUSB312A2C2V STARTECH-PEXUSB312A2C2V Datasheet
164Kb / 5P
4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C & 2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
PEXUSB312A3 STARTECH-PEXUSB312A3 Datasheet
70Kb / 4P
2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux
More results


Similar Description - PEXUSB312A1C1H

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U460-002-2AM-C TRIPPLITE-U460-002-2AM-C Datasheet
496Kb / 2P
2-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x2) USB-A, USB-C Charging Port and Micro SD & SD/MMC Reader
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Vecow Co., Ltd.
UMX-100 VECOW-UMX-100 Datasheet
566Kb / 1P
Mini PCIe 2-port USB Card
logo
Tripp Lite. All Rights ...
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
logo
IOGEAR
G2LU3CAM01 IOGEAR-G2LU3CAM01 Datasheet
158Kb / 2P
Charge & Sync Flip USB 3.1 Gen 2 A to USB-C Cable 10Gbps (USB-IF)
logo
Diodes Incorporated
PI3EQX10312 DIODES-PI3EQX10312 Datasheet
1Mb / 26P
10Gbps, 2-Port, USB 3.1 Mux/Demux ReDriverTM with Integrated USB-C Detector
Rev 3 - 2 March 2019
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com