Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB312A3 Datasheet (PDF) - StarTech.com Ltd.

PEXUSB312A3 Datasheet PDF - StarTech.com Ltd.
Part # PEXUSB312A3
Download  PEXUSB312A3 Download
File Size   70.58 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux

PEXUSB312A3 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEXUSB312A3 Datasheet PDF - StarTech.com Ltd.

Part # PEXUSB312A3
Download  PEXUSB312A3 Click to download

File Size   70.58 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux

PEXUSB312A3 Datasheet (HTML) - StarTech.com Ltd.


PEXUSB312A3 Product details

Applications
• Connect high-performance devices like NVMe drives and SSDs
Features
• HIGH PERFORMANCE: 2-Port USB PCIe Card with ASMedia ASM3142 host controller (PCIe 3.0 x4) has two
SuperSpeed 10Gbps USB-A ports (USB 3.1 Gen 2 / USB 3.2 Gen 2x1); Speeds up to 10Gbps/port; Upgraded
version of our popular USB card PEXUSB312A2
• MAXIMIZED USB PERFORMANCE: Add-on card supports Multiple Ins for max bandwidth when using mixed-speed
devices; Supports UASP & optimized for SSDs/HDDs, NVMe, thumb drives; Supports USB 3.0/2.0 devices
• POWER: USB PCI Express 3.0 expansion card w/ SATA power header supplies supplemental power to the USB
ports (when motherboard power is insufficient) providing up to 4.5W (5V @ 0.9A) per USB-A port
• COMPATIBILITY: USB PCIe adapter card installs in full or low-profile PCIe 3.0 x4 slot and up; Bracket included;
Backward compatible w/ PCIe 2.0; Supports Win/Linux/macOS w/auto drivers on Win 8 & up
• STARTECH.COM ADVANTAGE: IT professionals' choice for over 30 years; This USB-A PCI-e card for desktop is
backed for life by StarTech.com, incl. free 24/5 North America based multi-lingual tech support




Similar Part No. - PEXUSB312A3

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEXUSB312A1C1H STARTECH-PEXUSB312A1C1H Datasheet
166Kb / 5P
5-Port USB PCIe Card - 10Gbps USB 3.1 Gen 2 PCIe Card w/ 1x USB-C & 2x USB-A - 1x 2 Port IDC (Internal 5Gbps USB Header Expansion) - USB C PCI Express Controller Card
PEXUSB312A2C2V STARTECH-PEXUSB312A2C2V Datasheet
164Kb / 5P
4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C & 2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
More results


Similar Description - PEXUSB312A3

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4 Datasheet
493Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
logo
Vecow Co., Ltd.
UMX-100 VECOW-UMX-100 Datasheet
566Kb / 1P
Mini PCIe 2-port USB Card
logo
Microchip Technology
USB7206C MICROCHIP-USB7206C Datasheet
1Mb / 56P
6-Port USB 3.2 Gen 2 Controller Hub
02/28/20
USB7216C MICROCHIP-USB7216C Datasheet
1Mb / 60P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252C MICROCHIP-USB7252C Datasheet
1Mb / 63P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4_V01 Datasheet
392Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
21-Jul-2021
logo
Microchip Technology
USB7216 MICROCHIP-USB7216 Datasheet
1Mb / 61P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252 MICROCHIP-USB7252 Datasheet
1Mb / 65P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
logo
Diodes Incorporated
PI3EQX10612 DIODES-PI3EQX10612 Datasheet
646Kb / 1P
10Gbps, 2-Port, USB 3.1 Mux/Demux RedriverTM
logo
AAEON Technology
PER-T499 AAEON-PER-T499 Datasheet
1,011Kb / 1P
2-Port USB 3.1 PCI-E [x4] Frame Grabber Card
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com