Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB312A3 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # PEXUSB312A3
Description  2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB312A3 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  PEXUSB312A3 Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB312A3 Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB312A3 Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB312A3 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Performance
Maximum Data Transfer
Rate
10Gbps
Type and Rate
USB 3.2 Gen 2 - 10 Gbit/s
UASP Support
Yes
Connector(s)
Connector Type(s)
PCI Express x4
Internal Ports
SATA Power (15 pin)
External Ports
USB 3.1 USB Type-A (9 pin, Gen 2, 10 Gbps)
Software
OS Compatibility
Windows 7, 8, 8.1, 10
Windows Server 2012 R2, 2016, 2019
macOS 10.13 to 10.15, 11.0
Linux 3.5 or later <i>LTS version only</i>
Special Notes /
Requirements
System and Cable
Requirements
PCI Express enabled computer or server with a PCI Express x4 slot or
higher (x8, x16)
Optional SATA power connector
The maximum throughput of this card is limited by the bus interface.
PCI Express Gen 1.0 max throughput is 2.5Gbps. PCI Express Gen
2.0 and Gen 3.0 max throughput is 10Gbps
Power
Total USB Power Output
4.5W (5V @ 0.9A) nominal, per port - Current draw above 2.0A (10W)
will initiate Over-Current Protection
Environmental
Operating Temperature
5C to 50C (41F to 122F)
Storage Temperature
-20C to 60C (-4F to 140F)
Humidity
20%~80% RH
Physical
Characteristics
Color
Black



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com