Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB312A3 Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # PEXUSB312A3
Description  2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB312A3 Datasheet(HTML) 4 Page - StarTech.com Ltd.

  PEXUSB312A3 Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB312A3 Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB312A3 Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB312A3 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product Length
4.3 in [11.0 cm]
Product Width
4.7 in [12.0 cm]
Product Height
0.7 in [19.0 mm]
Weight of Product
2.8 oz [78.0 g]
Packaging
Information
Package Length
5.6 in [14.2 cm]
Package Width
6.7 in [17.0 cm]
Package Height
1.2 in [30.0 mm]
Shipping (Package)
Weight
5.0 oz [142.0 g]
What's in the
Box
Included in Package
USB 3.1 Card
Full-Profile Bracket (Pre-Installed)
Low-Profile Bracket
Quick Start Guide
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com