Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB312A3 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # PEXUSB312A3
Description  2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB312A3 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  PEXUSB312A3 Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB312A3 Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB312A3 Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB312A3 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host
Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux
Product ID: PEXUSB312A3
This PCIe USB 3.2 Gen 2 controller card installs into an available PCI-Express x4 slot in your computer and enables
you to upgrade your current system by adding two SuperSpeed USB-A (10Gbps) ports.
The controller card enables you to connect two USB-A Gen 2 (10 Gbps) devices to your desktop computer. The
USB-A ports are ideal for connecting USB devices such as external hard drives and solid state drives or powering
and syncing your mobile devices. The USB-A ports provides up to 4.5W (5V/0.9A) of power per USB port, and are
backward compatible with USB 3.2 Gen 1 (5 Gbps), and USB 2.0 (480 Mbsp) devices.
Note: USB 3.2 Gen 2 (10 Gbps) is also know as USB 3.1 Gen 2 (10 Gbps), and USB 3.2 Gen 1 (5 Gbps) is also
know as USB 3.0 and USB 3.1 (5 Gbps).
The USB 3.2 Gen 2 card features an ASMedia ASM3142 host controller that utilizes x2 lanes of the PCIe 3.0 bus,
making the card capable of speeds up to 10Gbps on each port, and enabling fast access to high-performance
devices like NVMe drives and SSDs. The controller card supports Multiple INs to reduce bandwidth loss when
multiple devices are connected, even when connected through a USB Hub (Note: The USB hub must also support
this feature). The card also supports UASP for improved performance with storage devices.
This add-on card includes both full-profile and low-profile installation brackets ensuring you can install it into either a
full or low-profile PCIe 3.0 x4 slot (backward compatible w/PCIe 2.0). For wide platform support the card is
compatible with Windows, Linux and macOS. For hassle-free installation the drivers install automatically on
computers running Windows 8 or higher. Works w/USB 3.1/3.0/2.0 devices
PEXUSB312A3 is backed by a StarTech.com lifetime warranty with free 24/5 multi-lingual North American based
technical support. StarTech.com has been the IT professionals' choice for over 30 years.
Certifications, Reports and Compatibility


Similar Part No. - PEXUSB312A3

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEXUSB312A1C1H STARTECH-PEXUSB312A1C1H Datasheet
166Kb / 5P
5-Port USB PCIe Card - 10Gbps USB 3.1 Gen 2 PCIe Card w/ 1x USB-C & 2x USB-A - 1x 2 Port IDC (Internal 5Gbps USB Header Expansion) - USB C PCI Express Controller Card
PEXUSB312A2C2V STARTECH-PEXUSB312A2C2V Datasheet
164Kb / 5P
4-Port USB PCIe Card - 10Gbps USB PCI Express Expansion Card w/ 2 Controllers - 2x USB-C & 2x USB-A ports (USB 3.2/3.1 Gen 2) - USB/USB-C PCI-e Card - Full Profile
More results

Similar Description - PEXUSB312A3

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4 Datasheet
493Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
logo
Vecow Co., Ltd.
UMX-100 VECOW-UMX-100 Datasheet
566Kb / 1P
Mini PCIe 2-port USB Card
logo
Microchip Technology
USB7206C MICROCHIP-USB7206C Datasheet
1Mb / 56P
6-Port USB 3.2 Gen 2 Controller Hub
02/28/20
USB7216C MICROCHIP-USB7216C Datasheet
1Mb / 60P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252C MICROCHIP-USB7252C Datasheet
1Mb / 63P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
logo
Advantech Co., Ltd.
PCE-USB4 ADVANTECH-PCE-USB4_V01 Datasheet
392Kb / 1P
PCI Express x4, 4/8-Port USB 3.0 Expansion Card
21-Jul-2021
logo
Microchip Technology
USB7216 MICROCHIP-USB7216 Datasheet
1Mb / 61P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252 MICROCHIP-USB7252 Datasheet
1Mb / 65P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
logo
Diodes Incorporated
PI3EQX10612 DIODES-PI3EQX10612 Datasheet
646Kb / 1P
10Gbps, 2-Port, USB 3.1 Mux/Demux RedriverTM
logo
AAEON Technology
PER-T499 AAEON-PER-T499 Datasheet
1,011Kb / 1P
2-Port USB 3.1 PCI-E [x4] Frame Grabber Card
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com