Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB312A3 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # PEXUSB312A3
Description  2-Port USB PCIe Card with 10Gbps/port - USB 3.1/3.2 Gen 2 Type-A PCI Express 3.0 x2 Host Controller Expansion Card - Add-On Adapter Card - Full/Low Profile - Windows & Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB312A3 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  PEXUSB312A3 Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB312A3 Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB312A3 Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB312A3 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Connect high-performance devices like NVMe drives and SSDs
Features
• HIGH PERFORMANCE: 2-Port USB PCIe Card with ASMedia ASM3142 host controller (PCIe 3.0 x4) has two
SuperSpeed 10Gbps USB-A ports (USB 3.1 Gen 2 / USB 3.2 Gen 2x1); Speeds up to 10Gbps/port; Upgraded
version of our popular USB card PEXUSB312A2
• MAXIMIZED USB PERFORMANCE: Add-on card supports Multiple Ins for max bandwidth when using mixed-speed
devices; Supports UASP & optimized for SSDs/HDDs, NVMe, thumb drives; Supports USB 3.0/2.0 devices
• POWER: USB PCI Express 3.0 expansion card w/ SATA power header supplies supplemental power to the USB
ports (when motherboard power is insufficient) providing up to 4.5W (5V @ 0.9A) per USB-A port
• COMPATIBILITY: USB PCIe adapter card installs in full or low-profile PCIe 3.0 x4 slot and up; Bracket included;
Backward compatible w/ PCIe 2.0; Supports Win/Linux/macOS w/auto drivers on Win 8 & up
• STARTECH.COM ADVANTAGE: IT professionals' choice for over 30 years; This USB-A PCI-e card for desktop is
backed for life by StarTech.com, incl. free 24/5 North America based multi-lingual tech support
Prominence
Warranty
Lifetime
Description CDW 75 - 1st
Line
StarTech.com 2-Port USB PCIe Card 10Gbps/port - USB 3.2/3.1 Gen
2 Type-A
Hardware
Ports
2
Interface
PCI Express x4
Bus Type
USB 3.2 Gen 2 10Gbps
Card Type
Standard Profile (LP bracket incl.)
Port Style
Integrated on Card
Industry Standards
USB 3.2 Specification
PCI Express Base Specification Rev. 3.0
Intel xHCI Specification Rev. 1.1
UASP (USB Attached SCSI Protocol) Rev. 1.0
Chipset ID
ASMedia - ASM3142



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com