Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP13030_LISA2-M-CLIP Datasheet (PDF) - Intelligent LED Solutions

FP13030_LISA2-M-CLIP Datasheet PDF - Intelligent LED Solutions
Part # FP13030_LISA2-M-CLIP
Download  FP13030_LISA2-M-CLIP Download
File Size   1221.51 Kbytes
Page   9 Pages
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions
Description 1 OSLON® Square Large Lens High CRI

FP13030_LISA2-M-CLIP Datasheet (PDF)

Go To PDF Page Download Datasheet
FP13030_LISA2-M-CLIP Datasheet PDF - Intelligent LED Solutions

Part # FP13030_LISA2-M-CLIP
Download  FP13030_LISA2-M-CLIP Click to download

File Size   1221.51 Kbytes
Page   9 Pages
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions
Description 1 OSLON® Square Large Lens High CRI

FP13030_LISA2-M-CLIP Datasheet (HTML) - Intelligent LED Solutions


FP13030_LISA2-M-CLIP Product details

Applications
General Lighting
Spot Lighting
Task Lighting
Decorative Lighting
Horticultural Lighting
Retail and Entertainment Lighting
Technical Features
OSLON® PowerStars contain a single OSRAM Opto Semiconductors OSLON® SSL Square LED
Up to 50,000 hours lifetime to 70% of original brightness
Mounting holes using M3 screws allow easy installation
Size (LxWxH): 20x20x3.62mm
PowerStars can be linked together to produce longer chains
Current range 200mA to 1800mA*
High CRI 90 minimum




Similar Part No. - FP13030_LISA2-M-CLIP

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP13030 LEDIL-FP13030_18 Datasheet
6Mb / 8P
~20째 medium beam optimized for CREE XP-E. 6.8 mm high variant with clip installation.
More results


Similar Description - FP13030_LISA2-M-CLIP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM OSRAM-GWCSSRM2.EM_17 Datasheet
1Mb / 25P
OSLON Square
LDCQAR OSRAM-LDCQAR Datasheet
9Mb / 22P
OSLON Square
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com