Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8342 Datasheet (PDF) - Analog Devices

AD8342 Datasheet PDF - Analog Devices
Part # AD8342
Download  AD8342 Download
File Size   639.81 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Active Receive Mixer Low Frequency to 3.8 GHz

AD8342 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8342 Datasheet PDF - Analog Devices

Part # AD8342
Download  AD8342 Click to download

File Size   639.81 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Active Receive Mixer Low Frequency to 3.8 GHz

AD8342 Datasheet (HTML) - Analog Devices


AD8342 Product details

FEATURES
Broadband RF, LO, and IF ports
Conversion gain: 3.7 dB
Noise figure: 12.2 dB
Input IP3: 22.7 dBm
Input P1dB: 8.3 dBm
LO drive: 0 dBm
Differential high impedance RF input port
Single-ended, 50 Ω LO input port
Open-collector IF output port
Single-supply operation: 5 V at 98 mA
Power-down mode
Exposed pad LFCSP: 3 mm × 3 mm

APPLICATIONS
Cellular base station receivers
ISM receivers
Radio links
RF instrumentation




Similar Part No. - AD8342

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8342 AD-AD8342 Datasheet
538Kb / 20P
Active Receive Mixer LF to 500 MHz
4/05-Revision 0
AD8342-EVAL AD-AD8342-EVAL Datasheet
538Kb / 20P
Active Receive Mixer LF to 500 MHz
4/05-Revision 0
AD8342ACPZ-R2 AD-AD8342ACPZ-R2 Datasheet
538Kb / 20P
Active Receive Mixer LF to 500 MHz
4/05-Revision 0
AD8342ACPZ-REEL7 AD-AD8342ACPZ-REEL7 Datasheet
538Kb / 20P
Active Receive Mixer LF to 500 MHz
4/05-Revision 0
AD8342ACPZ-WP AD-AD8342ACPZ-WP Datasheet
538Kb / 20P
Active Receive Mixer LF to 500 MHz
4/05-Revision 0
More results


Similar Description - AD8342

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KC2-19 MINI-KC2-19 Datasheet
146Kb / 1P
Surface Mount Frequency Multiplier Output 2.2 to 3.8 GHz
logo
Analog Devices
AD8344 AD-AD8344 Datasheet
429Kb / 20P
Active Receive Mixer 400 MHz to 1.2 GHz
6/04-Revision 0
logo
ATMEL Corporation
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
2200-2700 MHz High Linearity SiGe Active Receive Mixer
logo
Analog Devices
AD8342 AD-AD8342 Datasheet
538Kb / 20P
Active Receive Mixer LF to 500 MHz
4/05-Revision 0
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
800 - 1000 MHz High Linearity Active Receive Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
1700 - 2300 MHz High Linearity Active Receive Mixer
logo
Analog Devices
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
Active Receive Mixer LF to 3 GHz
REV. B
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8344 AD-AD8344_15 Datasheet
436Kb / 20P
Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
logo
Linear Technology
LTC5562 LINER-LTC5562 Datasheet
569Kb / 26P
LF??GHz Wideband Low Power Active Mixer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com