Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1761WACPZ-R7 Datasheet (PDF) - Analog Devices

ADP1761WACPZ-R7 Datasheet PDF - Analog Devices
Part # ADP1761WACPZ-R7
Download  ADP1761WACPZ-R7 Download
File Size   2233.39 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 A, Low VIN, Low Noise, CMOS Linear Regulator

ADP1761WACPZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1761WACPZ-R7 Datasheet PDF - Analog Devices

Part # ADP1761WACPZ-R7
Download  ADP1761WACPZ-R7 Click to download

File Size   2233.39 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 A, Low VIN, Low Noise, CMOS Linear Regulator

ADP1761WACPZ-R7 Datasheet (HTML) - Analog Devices


ADP1761WACPZ-R7 Product details

FEATURES
► 1 A maximum output current
► Low input voltage supply range
► VIN = 1.10 V to 1.98 V, no external bias supply required
► Fixed output voltage range: VOUT_FIXED = 0.9 V to 1.5 V
► Adjustable output voltage range: VOUT_ADJ = 0.5 V to 1.5 V
► Ultralow noise: 2 μV rms, 100 Hz to 100 kHz
► Noise spectral density
► 4 nV/√Hz at 10 kHz
► 3 nV/√Hz at 100 kHz
► Low dropout voltage: 30 mV typical at 1 A load
► Operating supply current: 4.5 mA typical at no load
► ±1.5% fixed output voltage accuracy over line, load, and temperature
► Excellent power supply rejection ratio (PSRR) performance
► 67 dB typical at 10 kHz at 1 A load
► 51 dB typical at 100 kHz at 1 A load
► Excellent load/line transient response
► Soft start to reduce inrush current
► Optimized for small 10 μF ceramic capacitors
► Current-limit and thermal overload protection
► Power-good indicator
► Precision enable
► 16-lead, 3 mm × 3 mm LFCSP package
► AEC-Q100 qualified for automotive applications




Similar Part No. - ADP1761WACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1761 AD-ADP1761 Datasheet
883Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1761 AD-ADP1761 Datasheet
1,007Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1761 AD-ADP1761 Datasheet
935Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1761 AD-ADP1761 Datasheet
777Kb / 20P
4 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
ADP1761 AD-ADP1761 Datasheet
782Kb / 20P
5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results


Similar Description - ADP1761WACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1752 AD-ADP1752 Datasheet
703Kb / 20P
0.8 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1740 AD-ADP1740_13 Datasheet
743Kb / 20P
2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1764 AD-ADP1764 Datasheet
777Kb / 20P
4 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
ADP1765 AD-ADP1765 Datasheet
782Kb / 20P
5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com