Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1761WACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP1761WACPZ-R7
Description  1 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1761WACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP1761WACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Data Sheet
ADP1761
TABLE OF CONTENTS
analog.com
Rev. D | 2 of 21
Features................................................................ 1
Applications........................................................... 1
Typical Application Circuits....................................1
General Description...............................................1
Specifications........................................................ 3
Input and Output Capacitor: Recommended
Specifications................................................... 5
Absolute Maximum Ratings...................................6
Thermal Data......................................................6
Thermal Resistance/Parameter..........................6
ESD Caution.......................................................6
Pin Configuration and Function Descriptions........ 7
Typical Performance Characteristics..................... 8
Theory of Operation.............................................12
Soft Start Function ...........................................12
Adjustable Output Voltage ...............................13
Enable Feature.................................................13
Power-Good (PG) Feature............................... 13
Applications Information...................................... 15
Capacitor Selection.......................................... 15
Undervoltage Lockout...................................... 16
Current-Limit and Thermal Overload
Protection....................................................... 16
Thermal Considerations................................... 16
PCB Layout Considerations............................. 18
Outline Dimensions............................................. 20
Ordering Guide.................................................20
Output Voltage Options.................................... 21
Evaluation Boards............................................ 21
Automotive Products........................................ 21
REVISION HISTORY
3/2022—Rev. C to Rev. D
Changes to Features Section.......................................................................................................................... 1
Changes to Applications Section..................................................................................................................... 1
Changes to Figure 4 Caption to Figure 9 Caption........................................................................................... 8
Changes to Figure 10 Caption to Figure 13 Caption and Figure 15................................................................ 9
Change to Figure 32...................................................................................................................................... 15
Moved Table 8, Renumbered Sequentially.................................................................................................... 19
Changes to Ordering Guide........................................................................................................................... 20
Added Output Voltage Options Section......................................................................................................... 21
Added Automotive Products Section............................................................................................................. 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com