Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1761WACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1761WACPZ-R7
Description  1 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1761WACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1761WACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Data Sheet
ADP1761
APPLICATIONS INFORMATION
analog.com
Rev. D | 16 of 21
Substituting these values in Equation 4 yields
CEFF = 10 µF × (1 − 0.15) × (1 − 0.1) = 7.65 µF
Therefore, the capacitor chosen in this example meets the mini-
mum capacitance requirement of the LDO over temperature and
tolerance at the chosen output voltage.
To guarantee the performance of the ADP1761, it is imperative that
the effects of dc bias, temperature, and tolerances on the behavior
of the capacitors be evaluated for each application.
UNDERVOLTAGE LOCKOUT
The ADP1761 has an internal undervoltage lockout circuit that disa-
bles all inputs and the output when the input voltage is less than
approximately 1.06 V. The UVLO ensures that the ADP1761 inputs
and the output behave in a predictable manner during power-up.
CURRENT-LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP1761 is protected against damage due to excessive power
dissipation by current-limit and thermal overload protection circuits.
The ADP1761 is designed to reach the current limit when the output
load reaches 2 A (typical). When the output load exceeds 2 A, the
output voltage is reduced to maintain a constant current limit.
Thermal overload protection is included, which limits the junction
temperature to a maximum of 150°C (typical). Under extreme
conditions (that is, high ambient temperature and power dissipation)
when the junction temperature begins to rise above 150°C, the
output is turned off, reducing the output current to zero. When
the junction temperature drops below 135°C (typical), the output is
turned on again, and the output current is restored to the nominal
value.
Consider the case where a hard short from VOUT to ground occurs.
At first, the ADP1761 reaches the current limit so that only 2 A
is conducted into the short circuit. If self-heating of the junction be-
comes great enough to cause the temperature to rise above 150°C,
thermal shutdown activates, turning off the output and reducing the
output current to zero. As the junction temperature cools and drops
below 135°C, the output turns on and conducts 2 A into the short
circuit, again causing the junction temperature to rise above 150°C.
This thermal oscillation between 135°C and 150°C causes a current
oscillation between 2 A and 0 A that continues as long as the short
circuit remains at the output.
Current-limit and thermal overload protections are intended to pro-
tect the device against accidental overload conditions. For reliable
operation, limit the device power dissipation externally so that
junction temperatures do not exceed 125°C.
THERMAL CONSIDERATIONS
To guarantee reliable operation, the junction temperature of the
ADP1761 must not exceed 125°C. To ensure that the junction
temperature stays below this maximum value, the user needs to
be aware of the parameters that contribute to junction temperature
changes. These parameters include ambient temperature, power
dissipation in the power device, and thermal resistance between the
junction and ambient air (θJA). The θJA value is dependent on the
package assembly compounds used and the amount of copper to
which the GND pin and the exposed pad (EPAD) of the package
are soldered on the PCB. Table 6 shows typical θJA values for the
16-lead LFCSP for various PCB copper sizes. Table 7 shows typical
ΨJB values for the 16-lead LFCSP.
Table 6. Typical θJA Values
Copper Size (mm2)
θJA (°C/W), LFCSP
25
138.1
100
102.9
500
76.9
1000
67.3
6400
56
Table 7. Typical ΨJB Values
Copper Size (mm2)
ΨJB (°C/W) at 1 W
100
33.3
500
28.9
1000
28.5
To calculate the junction temperature of the ADP1761, use the
following equation:
TJ=TA+ PD×θJA
(5)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD= VIN−VOUT ×ILOAD + VIN×IGND (6)
where:
VIN and VOUT are the input and output voltages, respectively.
ILOAD is the load current.
IGND is the ground current.
As shown in Equation 6, for a given ambient temperature and
computed power dissipation, a minimum copper size requirement
exists for the PCB to ensure that the junction temperature does not
rise above 125°C.
Figure 34 through Figure 39 show the junction temperature calcula-
tions for the different ambient temperatures, load currents, VIN to
VOUT differentials, and areas of PCB copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com