Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1761WACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1761WACPZ-R7
Description  1 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1761WACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1761WACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Data Sheet
ADP1761
1 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. D
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
1 A maximum output current
►
Low input voltage supply range
►
VIN = 1.10 V to 1.98 V, no external bias supply required
►
Fixed output voltage range: VOUT_FIXED = 0.9 V to 1.5 V
►
Adjustable output voltage range: VOUT_ADJ = 0.5 V to 1.5 V
►
Ultralow noise: 2 µV rms, 100 Hz to 100 kHz
►
Noise spectral density
►
4 nV/√Hz at 10 kHz
►
3 nV/√Hz at 100 kHz
►
Low dropout voltage: 30 mV typical at 1 A load
►
Operating supply current: 4.5 mA typical at no load
►
±1.5% fixed output voltage accuracy over line, load, and temper-
ature
►
Excellent power supply rejection ratio (PSRR) performance
►
67 dB typical at 10 kHz at 1 A load
►
51 dB typical at 100 kHz at 1 A load
►
Excellent load/line transient response
►
Soft start to reduce inrush current
►
Optimized for small 10 µF ceramic capacitors
►
Current-limit and thermal overload protection
►
Power-good indicator
►
Precision enable
►
16-lead, 3 mm × 3 mm LFCSP package
►
AEC-Q100 qualified for automotive applications
APPLICATIONS
►
Regulation to noise sensitive applications such as RF trans-
ceivers, analog-to-digital converter (ADC) and digital-to-analog
converter (DAC) circuits, phase-locked loops (PLLs), voltage
controlled oscillators (VCOs) and clocking integrated circuits
►
Field-programmable gate array (FPGA) and digital signal pro-
cessor (DSP) supplies
►
Medical and healthcare
►
Industrial and instrumentation
►
Automotive
TYPICAL APPLICATION CIRCUITS
Figure 1. Fixed Output Operation
Figure 2. Adjustable Output Operation
GENERAL DESCRIPTION
The ADP1761 is a low noise, low dropout (LDO) linear regulator.
It is designed to operate from a single input supply with an input
voltage as low as 1.10 V, without the requirement of an external
bias supply to increase efficiency and provide up to 1 A of output
current.
The low 30 mV typical dropout voltage at a 1 A load allows the
ADP1761 to operate with a small headroom while maintaining regu-
lation and providing better efficiency. The ADP1761 is optimized for
stable operation with small 10 µF ceramic output capacitors.
The ADP1761 delivers optimal transient performance with minimal
board area.
The ADP1761 is available in fixed output voltages ranging from 0.9
V to 1.5 V. The output of the adjustable output model can be set
from 0.5 V to 1.5 V through an external resistor connected between
VADJ and ground.
The ADP1761 has an externally programmable soft start time by
connecting a capacitor to the SS pin. Short-circuit and thermal
overload protection circuits prevent damage in adverse conditions.
The ADP1761 is available in a small 16-lead LFCSP package for
the smallest footprint solution to meet a variety of applications.


Similar Part No. - ADP1761WACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1761 AD-ADP1761 Datasheet
883Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1761 AD-ADP1761 Datasheet
1,007Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1761 AD-ADP1761 Datasheet
935Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1761 AD-ADP1761 Datasheet
777Kb / 20P
4 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
ADP1761 AD-ADP1761 Datasheet
782Kb / 20P
5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results

Similar Description - ADP1761WACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1752 AD-ADP1752 Datasheet
703Kb / 20P
0.8 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1740 AD-ADP1740_13 Datasheet
743Kb / 20P
2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1764 AD-ADP1764 Datasheet
777Kb / 20P
4 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
ADP1765 AD-ADP1765 Datasheet
782Kb / 20P
5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com