Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1761WACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1761WACPZ-R7
Description  1 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1761WACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1761WACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1761WACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Data Sheet
ADP1761
THEORY OF OPERATION
analog.com
Rev. D | 12 of 21
The ADP1761 is an LDO, low noise linear regulator that uses
an advanced proprietary architecture to achieve high efficiency
regulation. It also provides high PSRR and excellent line and load
transient response using a small 10 μF ceramic output capacitor.
The device operates from a 1.10 V to 1.98 V input rail to provide up
to 1 A of output current. Supply current in shutdown mode is 2 µA.
Figure 23. Functional Block Diagram, Fixed Output
Figure 24. Functional Block Diagram, Adjustable Output
Internally, the ADP1761 consists of a reference, an error amplifier,
and a pass device. The output current is delivered via the pass
device, which is controlled by the error amplifier, forming a nega-
tive feedback system that ideally drives the feedback voltage to
equal the reference voltage. If the feedback voltage is lower than
the reference voltage, the negative feedback drives more current,
increasing the output voltage. If the feedback voltage is higher than
the reference voltage, the negative feedback drives less current,
decreasing the output voltage.
The ADP1761 is available in output voltages ranging from 0.9 V to
1.5 V for a fixed output. Contact a local Analog Devices, Inc., sales
representative for other fixed voltage options. The adjustable output
option can be set from 0.5 V to 1.5 V.
The ADP1761 uses the EN pin to enable and disable the VOUT pin
under normal operating conditions. When EN is high, VOUT turns
on. When EN is low, VOUT turns off. For automatic startup, tie EN
to VIN.
SOFT START FUNCTION
For applications that require a controlled startup, the ADP1761
provides a programmable soft start function. The programmable
soft start is useful for reducing inrush current upon startup and for
providing voltage sequencing. To implement soft start, connect a
small ceramic capacitor from SS to ground. At startup, a 10 µA
current source charges this capacitor. The voltage at SS limits the
ADP1761 start-up output voltage, providing a smooth ramp-up to
the nominal output voltage. To calculate the start-up time for the
fixed output and adjustable output, use the following equations:
tSTART−UP_FIXED=tDELAY+VREF× Css/Iss (1)
tSTART−UP_ADJ=tDELAY+VADJ× Css/Iss (2)
where:
tDELAY is a fixed delay of 100 µs.
VREF is a 0.5 V internal reference for the fixed output model option.
CSS is the soft start capacitance from SS to GND.
ISS is the current sourced from SS (10 µA).
VADJ is the voltage at the VADJ pin equal to RADJ × IADJ.
Figure 25. Fixed VOUT Ramp-Up with External Soft Start Capacitor (VOUT, EN)
vs. Time
Figure 26. Adjustable VOUT Ramp-Up with External Soft Start Capacitor (VOUT,
EN) vs. Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com