Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBCLTMM2MB Datasheet (PDF) - StarTech.com Ltd.

RUSBCLTMM2MB Datasheet PDF - StarTech.com Ltd.
Part # RUSBCLTMM2MB
Download  RUSBCLTMM2MB Download
File Size   76.54 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6 foot (2m) Durable Black USB-C to Lightning Cable - Heavy Duty Rugged Aramid Fiber USB Type A to Lightning Charger/Sync Power Cord - Apple MFi Certified iPad/iPhone 12

RUSBCLTMM2MB Datasheet (PDF)

Go To PDF Page Download Datasheet
RUSBCLTMM2MB Datasheet PDF - StarTech.com Ltd.

Part # RUSBCLTMM2MB
Download  RUSBCLTMM2MB Click to download

File Size   76.54 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6 foot (2m) Durable Black USB-C to Lightning Cable - Heavy Duty Rugged Aramid Fiber USB Type A to Lightning Charger/Sync Power Cord - Apple MFi Certified iPad/iPhone 12

RUSBCLTMM2MB Datasheet (HTML) - StarTech.com Ltd.


RUSBCLTMM2MB Product details

Applications
• Charge and sync your Lightning mobile devices

Features
• DURABLE: 6.6 ft. Heavy duty lightning cable with aramid fiber for high tensile strength increasing reliability & life of
cable; Tested to withstand 10000+ bend cycles at 180 & 5000+ insertions
• FLEXIBLE CABLE: TPE jacket absorbs stress of frequent bends without damaging the core of the cable. Durable
wire & connector protects this charge & sync cable from wear & tear of frequent in-car use
• APPLE MFI CERTIFIED: USB-C to lightning adapter cable for guaranteed fast & reliable charge/sync from USB-C
charger port for lightning devices including iPhone 12 Pro/Max/Mini, iPhone 8/11/11 Pro, iPhone XR, iPad Air, iPad,
iPad Mini
• RAPIDLY CHARGE LIGHTNING DEVICES: Rugged/strong cord supports fast charging using Power Delivery
chargers from Apple 18W up to 96W USB-C adapters; Ideal for Charging Stations; Charges devices incl AirPods,
Magic Keyboard/Trackpad/Mouse & Siri Remote
• CABLE SPECS: Length: 2 m (6.6 ft.) Color: Black Connectors: Lightning & USB-C Performance: USB 2.0
480Mbps Reinforcement: Aramid Fiber Jacket Type: TPE Shield: Al-Mylar Backed by StarTech.com for 2 years




Similar Part No. - RUSBCLTMM2MB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
RUSBCLTMM2MW STARTECH-RUSBCLTMM2MW Datasheet
53Kb / 3P
6 foot (2m) Durable White USB-C to Lightning Cable - Heavy Duty Rugged Aramid Fiber USB Type A to Lightning Charger/Sync Power Cord - Apple MFi Certified iPad/iPhone 12
More results


Similar Description - RUSBCLTMM2MB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M100-003-LRA-WH TRIPPLITE-M100-003-LRA-WH Datasheet
162Kb / 3P
Right-Angle Lightning Cable, USB Type-A to Lightning, 3 ft. Cord, Reversible Lightning Plug
M100-006-LRA-WH TRIPPLITE-M100-006-LRA-WH Datasheet
162Kb / 3P
Right-Angle Lightning Cable, USB Type-A to Lightning, 6 ft. Cord, Reversible Lightning Plug
M102-01M-BK TRIPPLITE-M102-01M-BK Datasheet
165Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 1 m (3.3 ft.)
M102-01M-WH TRIPPLITE-M102-01M-WH Datasheet
160Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, White, 1 m (3.3 ft.)
M102-02M-BK TRIPPLITE-M102-02M-BK Datasheet
166Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 2 m (6.6 ft.)
M102-02M-WH TRIPPLITE-M102-02M-WH Datasheet
160Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, White, 2 m (6.6 ft.)
M102-003-HD-SL TRIPPLITE-M102-003-HD-SL Datasheet
178Kb / 3P
Heavy-Duty USB-C to Lightning Sync/Charge Cable with Status LED - MFi Certified, M/M, USB 2.0, 3 ft.
M102-03M-BK TRIPPLITE-M102-03M-BK Datasheet
166Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 3 m (9.8 ft.)
M101-006-LMC-BK TRIPPLITE-M101-006-LMC-BK Datasheet
176Kb / 3P
Universal USB-A to Lightning, USB Micro-B and USB-C Sync/Charge Cable (M/3xM), MFi Certified, Black, 6 ft. (1.8 m)
logo
IOGEAR
GUL02 IOGEAR-GUL02 Datasheet
130Kb / 3P
Charge & Sync Cable, 6.5 ft. (2m) - USB to Lightning Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com