Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBCLTMM2MB Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # RUSBCLTMM2MB
Description  6 foot (2m) Durable Black USB-C to Lightning Cable - Heavy Duty Rugged Aramid Fiber USB Type A to Lightning Charger/Sync Power Cord - Apple MFi Certified iPad/iPhone 12
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

RUSBCLTMM2MB Datasheet(HTML) 1 Page - StarTech.com Ltd.

  RUSBCLTMM2MB Datasheet HTML 1Page - StarTech.com Ltd. RUSBCLTMM2MB Datasheet HTML 2Page - StarTech.com Ltd. RUSBCLTMM2MB Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6 foot (2m) Durable Black USB-C to Lightning Cable - Heavy Duty Rugged Aramid Fiber USB Type
A to Lightning Charger/Sync Power Cord - Apple MFi Certified iPad/iPhone 12
Product ID: RUSBCLTMM2MB
This 2 m (6.5 ft.) black USB C to Lightning cable withstands the daily demands of charging and syncing your iPad,
iPhone or other mobile devices featuring the Lightning connector. Tested to endure strenuous wear and tear and
winter and summer in-car use, the strong and rugged cable is a must-have for both business and consumer
applications.
The durable USB C to Lightning cable has aramid fiber reinforcement that shelters it from the stress of frequent
bends and twists. This also lets the heavy duty cable flex without over-stretching and strengthens the core of the
cable. <ol>
• Aramid fiber adds strength and durability to the cable
• Insulated conductors reduce friction, provide more flexibility
• EMI (electromagnetic interference) protection with aluminum-mylar foil with braided shielding
• TPE (thermoplastic elastomer) cable jacket is softer and more flexible than a standard PVC cable and
environmentally friendly</ol>
The reinforced cable is constructed to prevent the connector from separating from the jacket. The extra-long strain
relief molding is tested to withstand over 10,000+ bend cycles at a 180 angle. Plus, the improved inner molding
resists cracking and reduces cable damage.<ol>
• Lightning connector provides 12W so your charger can charge your iOS devices
• Metal shield protects circuit board from EMI and reinforces the connection point
• Strain relief tested to tolerate over 10,000+ bend cycles at a 180 angle</ol>
RUSBCLTMM2MB is an Apple MFi certified Lightning cable backed by a StarTech.com 2-year warranty.


Similar Part No. - RUSBCLTMM2MB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
RUSBCLTMM2MW STARTECH-RUSBCLTMM2MW Datasheet
53Kb / 3P
6 foot (2m) Durable White USB-C to Lightning Cable - Heavy Duty Rugged Aramid Fiber USB Type A to Lightning Charger/Sync Power Cord - Apple MFi Certified iPad/iPhone 12
More results

Similar Description - RUSBCLTMM2MB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M100-003-LRA-WH TRIPPLITE-M100-003-LRA-WH Datasheet
162Kb / 3P
Right-Angle Lightning Cable, USB Type-A to Lightning, 3 ft. Cord, Reversible Lightning Plug
M100-006-LRA-WH TRIPPLITE-M100-006-LRA-WH Datasheet
162Kb / 3P
Right-Angle Lightning Cable, USB Type-A to Lightning, 6 ft. Cord, Reversible Lightning Plug
M102-01M-BK TRIPPLITE-M102-01M-BK Datasheet
165Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 1 m (3.3 ft.)
M102-01M-WH TRIPPLITE-M102-01M-WH Datasheet
160Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, White, 1 m (3.3 ft.)
M102-02M-BK TRIPPLITE-M102-02M-BK Datasheet
166Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 2 m (6.6 ft.)
M102-02M-WH TRIPPLITE-M102-02M-WH Datasheet
160Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, White, 2 m (6.6 ft.)
M102-003-HD-SL TRIPPLITE-M102-003-HD-SL Datasheet
178Kb / 3P
Heavy-Duty USB-C to Lightning Sync/Charge Cable with Status LED - MFi Certified, M/M, USB 2.0, 3 ft.
M102-03M-BK TRIPPLITE-M102-03M-BK Datasheet
166Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 3 m (9.8 ft.)
M101-006-LMC-BK TRIPPLITE-M101-006-LMC-BK Datasheet
176Kb / 3P
Universal USB-A to Lightning, USB Micro-B and USB-C Sync/Charge Cable (M/3xM), MFi Certified, Black, 6 ft. (1.8 m)
logo
IOGEAR
GUL02 IOGEAR-GUL02 Datasheet
130Kb / 3P
Charge & Sync Cable, 6.5 ft. (2m) - USB to Lightning Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com