Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBCLTMM2MB Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # RUSBCLTMM2MB
Description  6 foot (2m) Durable Black USB-C to Lightning Cable - Heavy Duty Rugged Aramid Fiber USB Type A to Lightning Charger/Sync Power Cord - Apple MFi Certified iPad/iPhone 12
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

RUSBCLTMM2MB Datasheet(HTML) 2 Page - StarTech.com Ltd.

  RUSBCLTMM2MB Datasheet HTML 1Page - StarTech.com Ltd. RUSBCLTMM2MB Datasheet HTML 2Page - StarTech.com Ltd. RUSBCLTMM2MB Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Certifications, Reports and Compatibility
Applications
• Charge and sync your Lightning mobile devices
Features
• DURABLE: 6.6 ft. Heavy duty lightning cable with aramid fiber for high tensile strength increasing reliability & life of
cable; Tested to withstand 10000+ bend cycles at 180 & 5000+ insertions
• FLEXIBLE CABLE: TPE jacket absorbs stress of frequent bends without damaging the core of the cable. Durable
wire & connector protects this charge & sync cable from wear & tear of frequent in-car use
• APPLE MFI CERTIFIED: USB-C to lightning adapter cable for guaranteed fast & reliable charge/sync from USB-C
charger port for lightning devices including iPhone 12 Pro/Max/Mini, iPhone 8/11/11 Pro, iPhone XR, iPad Air, iPad,
iPad Mini
• RAPIDLY CHARGE LIGHTNING DEVICES: Rugged/strong cord supports fast charging using Power Delivery
chargers from Apple 18W up to 96W USB-C adapters; Ideal for Charging Stations; Charges devices incl AirPods,
Magic Keyboard/Trackpad/Mouse & Siri Remote
• CABLE SPECS: Length: 2 m (6.6 ft.) Color: Black Connectors: Lightning & USB-C Performance: USB 2.0
480Mbps Reinforcement: Aramid Fiber Jacket Type: TPE Shield: Al-Mylar Backed by StarTech.com for 2 years
Hardware
Warranty
2 Years
Connector Plating
Nickel
Cable Jacket Material
TPE - Thermoplastic Elastomers
Cable Shield Material
Aluminum-Mylar Foil with Braid
Performance
Type and Rate
USB 2.0 - 480 Mbit/s
Connector(s)
Connector A
1 - Apple Lightning Connector (8-pin)
1 - USB Type-C (24-pin) USB 2.0 (480Mbps)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com