Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5717 Datasheet (PDF) - Analog Devices

ADRF5717 Datasheet PDF - Analog Devices
Part # ADRF5717
Download  ADRF5717 Download
File Size   1262.41 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon Digital Attenuator, 2-Bit, 1 MHz to 30 GHz

ADRF5717 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5717 Datasheet PDF - Analog Devices

Part # ADRF5717
Download  ADRF5717 Click to download

File Size   1262.41 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon Digital Attenuator, 2-Bit, 1 MHz to 30 GHz

ADRF5717 Datasheet (HTML) - Analog Devices


ADRF5717 Product details

FEATURES
► Ultrawideband frequency range: 1 MHz to 30 GHz
► Attenuation range: 16 dB typical steps to 48 dB
► Low insertion loss
► 1.5 dB to 8 GHz
► 2.0 dB to 18 GHz
► 2.8 dB to 30 GHz
► Attenuation accuracy
► ±(0.20 + 2.3% of attenuation state) dB typical up to 8 GHz
► ±(0.30 + 3.2% of attenuation state) dB typical up to 18 GHz
► ±(0.30 + 6.5% of attenuation state) dB typical up to 30 GHz
► Typical step error
► ±0.8 dB typical up to 8 GHz
► ±1.3 dB typical up to 18 GHz
► ±3.3 dB typical up to 30 GHz
► High input linearity
► P0.1dB insertion loss state: 30 dBm typical
► P0.1dB other attenuation states: 30 dBm typical
► IP3 insertion loss state: 51 dBm typical
► IP3 other attenuation state: 49 dBm typical
► High RF power handling
► Input at ATTIN and ATTOUT
► 30 dBm typical steady state average
► 33 dBm typical steady state peak
► RF amplitude settling time (0.1 dB of final RFOUT): 6.6 μs typical
► Single-supply operation supported
► Tight distribution in relative phase
► No low frequency spurious signals
► Parallel mode control, CMOS-/LVTTL-compatible
► 20-terminal, 3 mm x 3 mm, land grid array [LGA] package

APPLICATIONS
► Industrial scanners
► Test and instrumentation
► Cellular infrastructure: 5G millimeter wave
► Military radios, radars, and electronic counter measures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)




Similar Part No. - ADRF5717

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5717-EVALZ AD-ADRF5717-EVALZ Datasheet
1Mb / 7P
Evaluation of the ADRF5717 Silicon Digital Attenuator, 2-Bit, 1 MHz to 30 GHz
Rev. 0
More results


Similar Description - ADRF5717

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-220 MACOM-AT-220 Datasheet
163Kb / 6P
Digital Attenuator, 30 dB, 4-Bit DC - 2 GHz
AT-232 MACOM-AT-232 Datasheet
227Kb / 3P
Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz
logo
Custom MMIC Design Serv...
CMD279 MMIC-CMD279 Datasheet
432Kb / 11P
2-30 GHz 5-bit Digital Attenuator
CMD280 MMIC-CMD280 Datasheet
431Kb / 11P
DC-30 GHz 5-bit Digital Attenuator
logo
Analog Devices
ADRF5740 AD-ADRF5740 Datasheet
325Kb / 13P
2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
6/2020-Revision 0
ADH941S AD-ADH941S Datasheet
351Kb / 8P
0.1 GHz to 30 GHz Digital Attenuator Die
20-Mar-2020
logo
Qorvo, Inc
CMD325 QORVO-CMD325 Datasheet
437Kb / 12P
DC-30 GHz 6-bit Digital Attenuator
logo
Analog Devices
ADRF5474 AD-ADRF5474 Datasheet
2Mb / 14P
Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
Rev. 0
logo
Qorvo, Inc
CMD324 QORVO-CMD324 Datasheet
312Kb / 10P
DC-30 GHz 2-bit Digital Attenuator
May 27, 2021
logo
Analog Devices
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com