Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC1G86GV Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC1G86GV Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC1G86GV
Download  74AHC1G86GV Download
File Size   617.85 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input EXCLUSIVE-OR gate

74AHC1G86GV Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC1G86GV Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC1G86GV
Download  74AHC1G86GV Click to download

File Size   617.85 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input EXCLUSIVE-OR gate

74AHC1G86GV Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC1G86GV Product details

General description
74AHC1G86 and 74AHCT1G86 are high-speed Si-gate CMOS devices. They provide a
2-input EXCLUSIVE-OR function.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
Features
Symmetrical output impedance
High noise immunity
ESD protection:
HBM JESD22-A114E: exceeds 2000 V
MM JESD22-A115-A: exceeds 200 V
CDM JESD22-C101C: exceeds 1000 V
Low power dissipation
Balanced propagation delays
SOT353-1 and SOT753 package options
Specified from -40 °C to +125 °C




Similar Part No. - 74AHC1G86GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G86GV PHILIPS-74AHC1G86GV Datasheet
61Kb / 12P
2-input EXCLUSIVE-OR gate
2002 Jun 06
74AHC1G86GV NXP-74AHC1G86GV Datasheet
80Kb / 12P
2-input EXCLUSIVE-OR gate
ev. 05-4 July 2007
logo
Nexperia B.V. All right...
74AHC1G86GV NEXPERIA-74AHC1G86GV Datasheet
211Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 6 - 11 January 2022
74AHC1G86GV-Q100 NEXPERIA-74AHC1G86GV-Q100 Datasheet
686Kb / 13P
2-input EXCLUSIVE-OR gate
74AHC1G86GV-Q100 NEXPERIA-74AHC1G86GV-Q100 Datasheet
210Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 2 - 11 January 2022
More results


Similar Description - 74AHC1G86GV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
2-input EXCLUSIVE-OR gate
2002 Jun 06
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
2-input EXCLUSIVE-OR gate
1998 Aug 05
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
2-input Exclusive-OR Gate
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
2-INPUT EXCLUSIVE-OR GATE
logo
Fairchild Semiconductor
74F86 FAIRCHILD-74F86_03 Datasheet
64Kb / 5P
2-Input Exclusive-OR Gate
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
2-input Exclusive-OR Gate
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
2-input Exclusive OR Gate
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74AHC1G86-Q100 NEXPERIA-74AHC1G86-Q100 Datasheet
686Kb / 13P
2-input EXCLUSIVE-OR gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com