Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAN250A Datasheet (PDF) - STMicroelectronics

STAN250A Datasheet PDF - STMicroelectronics
Part # STAN250A
Download  STAN250A Download
File Size   67.45 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS

STAN250A Datasheet (PDF)

Go To PDF Page Download Datasheet
STAN250A Datasheet PDF - STMicroelectronics

Part # STAN250A
Download  STAN250A Click to download

File Size   67.45 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS

STAN250A Datasheet (HTML) - STMicroelectronics


STAN250A Product details

DESCRIPTION
The SD8250 is a high power Class C transistor specifically designed for TACAN/DME pulsed output and driver applications.
This device is designed for operation under moderate pulse width and duty cycle pulse conditions and is capable of withstanding 5:1 output VSWR at rated RF overdrive.
Low RF thermal resistance and computerized automatic wire bonding techniques ensure high reliability and product consistency.
The SD8250 is supplied in the AMPAC Hermetic Metal/Ceramic package with internal Input/Output matching structures.

■ REFRACTORY/GOLD METALLIZATION
■ EMITTER SITE BALLASTED
■ 5:1 VSWR CAPABILITY @ 1.75 dB RF OVERDRIVE
■ LOW THERMAL RESISTANCE
■ INPUT/OUTPUT MATCHING
■ OVERLAY GEOMETRY
■ METAL/CERAMIC HERMETIC PACKAGE
■ POUT = 250 W MIN. WITH 8.0 dB GAIN




Similar Part No. - STAN250A

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
STAND-8150B0 AAEON-STAND-8150B0 Datasheet
294Kb / 1P
Desktop Stand With VESA 100mm Standard
STAND-8150S0 AAEON-STAND-8150S0 Datasheet
294Kb / 1P
Desktop Stand With VESA 100mm Standard
STAND-8150S0 AAEON-STAND-8150S0 Datasheet
294Kb / 1P
Desktop Stand With VESA 100mm Standard
logo
NOSHOK, INC.
STANDARDELEVATEDPRESSURE NOSHOK-STANDARDELEVATEDPRESSURE Datasheet
171Kb / 2P
Standard & Elevated Pressure
STANDARDHARDSEAT NOSHOK-STANDARDHARDSEAT Datasheet
619Kb / 6P
Standard, Hard Seat
More results


Similar Description - STAN250A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com