Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAN250A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAN250A
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAN250A Datasheet(HTML) 1 Page - STMicroelectronics

  STAN250A Datasheet HTML 1Page - STMicroelectronics STAN250A Datasheet HTML 2Page - STMicroelectronics STAN250A Datasheet HTML 3Page - STMicroelectronics STAN250A Datasheet HTML 4Page - STMicroelectronics STAN250A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
July 19, 1994
AVIONICS APPLICATIONS
RF & MICROWAVE TRANSISTORS
.400 x .400 2LFL (S036)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
EMITTER SITE BALLASTED
.
5:1 VSWR CAPABILITY @ 1.75 dB RF
OVERDRIVE
.
LOW THERMAL RESISTANCE
.
INPUT/OUTPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 250 W MIN. WITH 8.0 dB GAIN
DESCRIPTION
The SD8250 is a high power Class C transistor
specifically designed for TACAN/DME pulsed out-
put and driver applications.
This device is designed for operation under mod-
erate pulse width and duty cycle pulse conditions
and is capable of withstanding 5:1 output VSWR
at rated RF overdrive.
Low RF thermal resistance and computerized au-
tomatic wire bonding techniques ensure high re-
liability and product consistency.
The SD8250 is supplied in the AMPAC
™ Hermetic
Metal/Ceramic package with internal Input/Output
matching structures.
PIN CONNECTION
BRANDING
STAN250A
ORDER CODE
SD8250
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
PDISS
Power Dissipation*
(TC
≤ 90°C)
575
W
IC
Device Current*
20
A
VCC
Collector-Supply Voltage*
55
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance
(1)
0.28
°C/W
*Applies only to rated RF amplifier operation
(1) Infra-Red Scan of Hot Spot Junction Temperature at Rated RF Operating Conditions
SD8250
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
1/5


Similar Part No. - STAN250A

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
STAND-8150B0 AAEON-STAND-8150B0 Datasheet
294Kb / 1P
Desktop Stand With VESA 100mm Standard
STAND-8150S0 AAEON-STAND-8150S0 Datasheet
294Kb / 1P
Desktop Stand With VESA 100mm Standard
STAND-8150S0 AAEON-STAND-8150S0 Datasheet
294Kb / 1P
Desktop Stand With VESA 100mm Standard
logo
NOSHOK, INC.
STANDARDELEVATEDPRESSURE NOSHOK-STANDARDELEVATEDPRESSURE Datasheet
171Kb / 2P
Standard & Elevated Pressure
STANDARDHARDSEAT NOSHOK-STANDARDHARDSEAT Datasheet
619Kb / 6P
Standard, Hard Seat
More results

Similar Description - STAN250A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com