Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAN250A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STAN250A
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAN250A Datasheet(HTML) 3 Page - STMicroelectronics

  STAN250A Datasheet HTML 1Page - STMicroelectronics STAN250A Datasheet HTML 2Page - STMicroelectronics STAN250A Datasheet HTML 3Page - STMicroelectronics STAN250A Datasheet HTML 4Page - STMicroelectronics STAN250A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR LOAD
IMPEDANCE
PIN
= 40 W
VCC
= 50 V
Normalized to 50 ohms
ZIN
H
L
H
L
ZCL
M
M
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
L
= 960 MHz
1.0 + j 3.5
1.9
− j 1.8
M
= 1090 MHz 4.0 + j 3.5
1.6
− j 0.9
H
=1215 MHz
2.2 + j 2.2
1.4
− j 1.1
0
10
20
30
40
50
60
70
80
90
100
30
40
50
60
70
80
30
35
40
45
50
TYPICAL RELATIVE OUTPUT & COLLEC-
TOR EFFICIENCY vs COLLECTOR VOLTAGE
P
O
W
E
R
O
U
T
P
U
T
W
A
T
T
S
COLLECTOR VOLTAGE (VOLTS)
C
O
L
L
E
C
T
O
R
E
F
F
.
%
COLLECTOR VOLTAGE (VOLTS)
TYPICAL POWER OUTPUT & COLLECTOR
EFFICIENCY vs COLLECTOR VOLTAGE
POUT
η
C
TYPICAL PERFORMANCE (cont’d)
SD8250
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com