Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74CBTLV3257 Datasheet (PDF) - Nexperia B.V. All rights reserved

74CBTLV3257 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74CBTLV3257
Download  74CBTLV3257 Download
File Size   262.35 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 1-of-2 multiplexer/demultiplexer

74CBTLV3257 Datasheet (PDF)

Go To PDF Page Download Datasheet
74CBTLV3257 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74CBTLV3257
Download  74CBTLV3257 Click to download

File Size   262.35 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 1-of-2 multiplexer/demultiplexer

74CBTLV3257 Datasheet (HTML) - Nexperia B.V. All rights reserved


74CBTLV3257 Product details

General description
The 74CBTLV3257 provides a quad 1-of-2 high-speed multiplexer/demultiplexer with
common select (S) and output enable (OE) inputs. The low ON resistance of the switch
allows inputs to be connected to outputs without adding propagation delay or generating
additional ground bounce noise. When pin OE = LOW, one of the two switches is selected
(low-impedance ON-state) with pin S. When pin OE = HIGH, all switches are in the
high-impedance OFF-state, independent of pin S.
Schmitt trigger action at control input makes the circuit tolerant to slower input rise and fall
times across the entire VCC range from 2.3 V to 3.6 V.
To ensure the high-impedance OFF-state during power-up or power-down, OE should be
tied to the VCC through a pull-up resistor. The minimum value of the resistor is determined
by the current-sinking capability of the driver.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
Features and benefits
 Supply voltage range from 2.3 V to 3.6 V
 High noise immunity
 Complies with JEDEC standard:
 JESD8-5 (2.3 V to 2.7 V)
 JESD8-B/JESD36 (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 CDM AEC-Q100-011 revision B exceeds 1000 V
 5  switch connection between two ports
 Rail to rail switching on data I/O ports
 CMOS low power consumption
 Latch-up performance exceeds 250 mA per JESD78B Class I level A
 IOFF circuitry provides partial Power-down mode operation
 Multiple package options
 Specified from 40 C to +85 C and 40 C to +125 C




Similar Part No. - 74CBTLV3257

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
logo
Renesas Technology Corp
74CBTLV3257 RENESAS-74CBTLV3257 Datasheet
268Kb / 6P
LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH
MAY 2019
logo
Nexperia B.V. All right...
74CBTLV3257 NEXPERIA-74CBTLV3257 Datasheet
359Kb / 21P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 8 - 21 March 2023
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
Quad 1-of-2 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3257BQ NXP-74CBTLV3257BQ Datasheet
479Kb / 19P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
More results


Similar Description - 74CBTLV3257

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
logo
Toshiba Semiconductor
TC7MB3257FK TOSHIBA-TC7MB3257FK_07 Datasheet
169Kb / 7P
Quad 1-of-2 Multiplexer/Demultiplexer
19-Oct-2007
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
Quad 1-of-2 Multiplexer/Demultiplexer
19-Oct-2007
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
74CBTLV3257 PHILIPS-74CBTLV3257_15 Datasheet
174Kb / 19P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 4-16 December 2011
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
Quad 1-of-2 multiplexer/demultiplexer
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com