Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC0366 Datasheet (PDF) - Raspberry Pi Holdings PLC

SC0366 Datasheet PDF - Raspberry Pi Holdings PLC
Part # SC0366
Download  SC0366 Download
File Size   655.99 Kbytes
Page   6 Pages
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC
Description Raspberry Pi Codec Zero

SC0366 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC0366 Datasheet PDF - Raspberry Pi Holdings PLC

Part # SC0366
Download  SC0366 Click to download

File Size   655.99 Kbytes
Page   6 Pages
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC
Description Raspberry Pi Codec Zero

SC0366 Datasheet (HTML) - Raspberry Pi Holdings PLC


SC0366 Product details

Overview
Raspberry Pi Codec Zero is an audio add-on board compatible with any Raspberry Pi
computer that has a 40-pin GPIO header, and is designed around the convenient form
factor of Raspberry Pi Zero. It delivers bi-directional digital audio signals (I2S) between
Raspberry Pi and its own onboard Dialog Semiconductor DA7212 codec. Codec Zero
allows you to use a variety of input and output devices, such as the built-in MEMS
microphone and external mono electret microphones, as well as 1.2W 8Ω mono speakers.
It does not require external power, and connects directly to Raspberry Pi’s GPIO header
with no need for soldering or cables.
With features such as programmable green and red LEDs, plus a tactile button for user
input, Codec Zero makes a great starting point for audio projects such as a walkie-talkie,
intelligent doorbell, smart speaker, or vintage radio hack.




Similar Part No. - SC0366

ManufacturerPart #DatasheetDescription
logo
Raspberry Pi Holdings P...
SC0368 RASPBERRY-PI-SC0368 Datasheet
782Kb / 6P
Raspberry Pi DAC
December 2022
SC0369 RASPBERRY-PI-SC0369 Datasheet
764Kb / 6P
Raspberry Pi DAC Pro
December 2022
More results


Similar Description - SC0366

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
ULCD-43-PT-PI ETC2-ULCD-43-PT-PI Datasheet
442Kb / 10P
Raspberry Pi Display Module Pack
logo
SparkFun Electronics
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
PRT-16782 SPARKFUN-PRT-16782 Datasheet
134Kb / 2P
Flirc Raspberry Pi Zero Case
8??1??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
EDA Technology Co.,LTD
ED-GWL501 EDATEC-ED-GWL501 Datasheet
1Mb / 16P
AN INDOOR LIGHT GATEWAY BASED ON RASPBERRY PI ZERO 2 W
2023-02-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com