Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC0366 Datasheet(PDF) 4 Page - Raspberry Pi Holdings PLC

Part # SC0366
Description  Raspberry Pi Codec Zero
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0366 Datasheet(HTML) 4 Page - Raspberry Pi Holdings PLC

  SC0366 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC0366 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC0366 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC0366 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC0366 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0366 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Raspberry Pi Codec Zero – Raspberry Pi Ltd
WARNINGS
•
This product should only be connected to a Raspberry Pi via the GPIO header.
•
Any external power supply used with this product should comply with relevant regulations and standards applicable
in the country of intended use.
•
This product should be operated in a well-ventilated environment. If used inside a case, the case should not be
covered.
•
Whilst in use, this product should be placed on a stable, flat, non-conductive surface, and should not be contacted by
conductive items.
•
The connection of incompatible devices to the Raspberry Pi Codec Zero may affect compliance, result in damage to
the unit, and invalidate the warranty.
•
The connection of incompatible devices to the GPIO connection of a Raspberry Pi computer may affect compliance
and result in damage to the unit and invalidate the warranty.
•
All peripherals used with this product should comply with relevant standards for the country of use, and should be
marked accordingly to ensure that safety and performance requirements are met.
•
The cables and connectors of all peripherals used with this product must have adequate insulation so that relevant
safety requirements are met.
•
Operation of this device requires adult supervision.
SAFETY INSTRUCTIONS
To avoid malfunction or damage to this product, please observe the following:
•
Do not expose the product to water or moisture, or place it on a conductive surface while it is in operation.
•
Do not expose the product to heat from any source; Raspberry Pi computers and the Raspberry Pi Codec Zero are
designed for reliable operation at normal ambient temperatures.
•
Take care whilst handling to avoid mechanical or electrical damage to the printed circuit board and connectors.
•
In order to minimise the risk of electrostatic discharge damage, avoid handling the Raspberry Pi Codec Zero while it
is powered. If it is necessary to do so, handle it only by the corners.
Physical specification
65
58
40
23
17.5
42
53
3.5
3.5
Note: all dimensions in mm
4 x M2.5 Holes in corners



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com