Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC0366 Datasheet(PDF) 2 Page - Raspberry Pi Holdings PLC

Part # SC0366
Description  Raspberry Pi Codec Zero
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0366 Datasheet(HTML) 2 Page - Raspberry Pi Holdings PLC

  SC0366 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC0366 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC0366 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC0366 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC0366 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0366 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Raspberry Pi Codec Zero – Raspberry Pi Ltd
Overview
Raspberry Pi Codec Zero is an audio add-on board compatible with any Raspberry Pi
computer that has a 40-pin GPIO header, and is designed around the convenient form
factor of Raspberry Pi Zero. It delivers bi-directional digital audio signals (I2S) between
Raspberry Pi and its own onboard Dialog Semiconductor DA7212 codec. Codec Zero
allows you to use a variety of input and output devices, such as the built-in MEMS
microphone and external mono electret microphones, as well as 1.2W 8Ω mono speakers.
It does not require external power, and connects directly to Raspberry Pi’s GPIO header
with no need for soldering or cables.
With features such as programmable green and red LEDs, plus a tactile button for user
input, Codec Zero makes a great starting point for audio projects such as a walkie-talkie,
intelligent doorbell, smart speaker, or vintage radio hack.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com