Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6561 Datasheet (PDF) - Analog Devices

LTC6561 Datasheet PDF - Analog Devices
Part # LTC6561
Download  LTC6561 Download
File Size   990.49 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 CH: 1 Output Optical Evaluation for LTC6561 Four-Channel Transimpedance Amplifier with Output Multiplexing

LTC6561 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6561 Datasheet PDF - Analog Devices

Part # LTC6561
Download  LTC6561 Click to download

File Size   990.49 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 CH: 1 Output Optical Evaluation for LTC6561 Four-Channel Transimpedance Amplifier with Output Multiplexing

LTC6561 Datasheet (HTML) - Analog Devices


LTC6561 Product details

DESCRIPTION
Demonstration circuit 2900A is a 16-channel analog
LiDAR receiver chain. The LTC®6561 is featured; which
has 74kΩ transimpedance gain and 30μA linear input
current range. Utilizing the LTC6561’s output MUX, four
devices are combined to a single output. The LTC6561’s
fast overload recovery makes it well suited for LIDAR
receivers. The LTC6561 operates from 5V single supply.
The LTC6561’s single-ended output can swing 2VP-P
on a 100Ω load. On the DC2900A, the FirstSensor’s
16-channel 400nm to 1100nm wavelength sensitive APD
array sensor feeds four LTC6561s for current to voltage
conversion and amplification. The APDs are DC coupled
to the TIAs inputs to facilitate fast channel switching and
output multiplexing. The DC2900A AC-coupled output is
intended to demonstrate time domain measurements into
50Ω systems.




Similar Part No. - LTC6561

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6561 AD-LTC6561 Datasheet
858Kb / 18P
Four-Channel Multiplexed Transimpedance Amplifier
LTC6561 AD-LTC6561 Datasheet
3Mb / 34P
Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
More results


Similar Description - LTC6561

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV.A
logo
Vitesse Semiconductor C...
VSC7807 VITESSE-VSC7807 Datasheet
144Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
logo
Analog Devices
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
LTC6561 AD-LTC6561 Datasheet
858Kb / 18P
Four-Channel Multiplexed Transimpedance Amplifier
logo
Texas Instruments
LMH32404-Q1 TI-LMH32404-Q1 Datasheet
1Mb / 25P
LMH32404-Q1 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404 TI-LMH32404 Datasheet
2Mb / 37P
LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404-Q1 TI-LMH32404-Q1_V01 Datasheet
2Mb / 39P
LMH32404-Q1 Automotive Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
NOVEMBER 2021
logo
Analog Devices
LTC6563 AD-LTC6563 Datasheet
3Mb / 34P
Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
logo
Texas Instruments
LMH32404 TI-LMH32404_V01 Datasheet
1Mb / 41P
LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
REVISED NOVEMBER 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com