Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6990 Datasheet (PDF) - Analog Devices

LTC6990 Datasheet PDF - Analog Devices
Part # LTC6990
Download  LTC6990 Download
File Size   2024.7 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC4126-ADJ 10mA Wireless Charger Demonstration Kit

LTC6990 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6990 Datasheet PDF - Analog Devices

Part # LTC6990
Download  LTC6990 Click to download

File Size   2024.7 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC4126-ADJ 10mA Wireless Charger Demonstration Kit

LTC6990 Datasheet (HTML) - Analog Devices


LTC6990 Product details

DESCRIPTION
Demonstration Kit DC3080-KIT features LTC®4126-
ADJ, wireless Li-Ion Charger with 1.2V Step-Down DC/
DC Converter. This kit comprises a wireless transmitter
DC3081A, a wireless receiver DC3078A and two 6mm
application-sized receivers DC3079A.
DC3078A wireless charger receiver incorporates an external
trickle charge circuit that reduces the charge current to
1mA when a deeply discharged battery with voltage lower
than 2.8V is plugged in. The combination of DC3081A
transmitter and DC3078A receiver can charge a single
Li-Ion battery at up to10mA with an airgap of 4.0mm to
8.0mm.




Similar Part No. - LTC6990

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990 Datasheet
316Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC6990 LINER-LTC6990 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC6990 LINER-LTC6990 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
More results


Similar Description - LTC6990

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
DE70321 CMLMICRO-DE70321 Datasheet
220Kb / 4P
Development and Demonstration Kit
logo
List of Unclassifed Man...
PS25003 ETC2-PS25003 Datasheet
6Mb / 23P
Demonstration Kit Standard Components
logo
STMicroelectronics
AN1714 STMICROELECTRONICS-AN1714 Datasheet
1Mb / 46P
transceiver demonstration kit description
27-Feb-2008
UM0855 STMICROELECTRONICS-UM0855 Datasheet
1Mb / 35P
Demonstration kit for single
11-Nov-2009
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
STCF04 demonstration kit
28-Aug-2012
DK3400 STMICROELECTRONICS-DK3400 Datasheet
133Kb / 4P
DK3400 demonstration kit
03-Nov-2010
logo
Linear Technology
LTC4123EDC LINER-LTC4123EDC Datasheet
846Kb / 10P
Low Power Wireless Charger Demonstration Kit
LTC4125EUFD LINER-LTC4125EUFD Datasheet
1Mb / 16P
Wireless Power Transfer Battery Charger Demonstration Kit
logo
Maxim Integrated Produc...
MAXAUTHDEMO MAXIM-MAXAUTHDEMO Datasheet
363Kb / 3P
DeepCover Secure Authenticator Demonstration Kit
logo
STMicroelectronics
STEVAL-ISB045V1 STMICROELECTRONICS-STEVAL-ISB045V1 Datasheet
751Kb / 7P
2.5 W wireless charger transmitter evaluation kit
18-Apr-2018
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com