Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115 Datasheet (PDF) - Nexperia B.V. All rights reserved

115 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 115
Download  115 Download
File Size   190.44 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder/demultiplexer; inverting

115 Datasheet (PDF)

Go To PDF Page Download Datasheet
115 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 115
Download  115 Click to download

File Size   190.44 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder/demultiplexer; inverting

115 Datasheet (HTML) - Nexperia B.V. All rights reserved


115 Product details

General description
The 74LV138 is a low-voltage Si-gate CMOS device that is pin and function compatible
with 74HC138 and 74HCT138.
The 74LV138 is a 3-to-8 line decoder/demultiplexer. It accepts three binary weighted
address inputs (A0, A1 and A2) and, when enabled, provides eight mutually exclusive
active LOW outputs (Y0 to Y7).
There are three enable inputs: two active LOW (E1 and E2) and one active HIGH (E3).
Every output will be HIGH unless E1 and E2 are LOW and E3 is HIGH.
This multiple enable function allows easy parallel expansion of the device to a 1-of-32
(5 lines to 32 lines) decoder with just four 74LV138 devices and one inverter. The
74LV138 can be used as an eight output demultiplexer by using one of the active LOW
enable inputs as the data input and the remaining enable inputs as strobes. Unused
enable inputs must be permanently tied to their appropriate active HIGH or LOW state.
Features and benefits
 Wide operating voltage: 1.0 V to 5.5 V
 Optimized for low voltage applications: 1.0 V to 3.6 V
 Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
 Typical output ground bounce < 0.8 V at VCC = 3.3 V and Tamb = 25 C
 Typical HIGH-level output voltage (VOH) undershoot: > 2 V at VCC = 3.3 V and
Tamb = 25 C
 Demultiplexing capability
 Multiple input enable for easy expansion
 Ideal for memory chip select decoding
 Active LOW mutually exclusive outputs
 ESD protection:
 HBM JESD22-A114E exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 115

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115 CTS-115 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
logo
Honeywell Solid State E...
115 HONEYWELL-115 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
115 ARIES-115 Datasheet
300Kb / 1P
Point-to-point Wiring
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
Resistance, continuity, frequency, capacitance, and diode test
logo
Alpha Wire
115 ALPHAWIRE-115 Datasheet
100Kb / 4P
Customer Specifications
8/29/2022
More results


Similar Description - 115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
3-to-8 line decoder/demultiplexer; inverting
September 1993
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
3-to-8 line decoder/demultiplexer; inverting
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
3-to-8 Line Decoder/Demultiplexer; Inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com