Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMI800 Datasheet (PDF) - Texas Instruments

LMI800 Datasheet PDF - Texas Instruments
Part # LMI800
Download  LMI800 Download
File Size   1037.03 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMI800PS High Voltage Isolated Hotswap Controller with PMBus™ Interface

LMI800 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMI800 Datasheet PDF - Texas Instruments

Part # LMI800
Download  LMI800 Click to download

File Size   1037.03 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMI800PS High Voltage Isolated Hotswap Controller with PMBus™ Interface

LMI800 Datasheet (HTML) - Texas Instruments


LMI800 Product details

1 Features
• Isolated floating hotswap controller
– Support 2-wire, 3-wire system architectures
with high and low-side configurations
• Integrated Isolated Power Supply for hotswap
controller bias
• GND referrenced signals with Reinforced
insulation to 800V
– PGOOD, Fault assertion on SMBA and PMBus
Telemetry
• Robust isolation barrier:
– High lifetime at up to 1000VDC working voltage
– Up to 5000VRMS isolation rating
– Up to 10.4kV surge capability
• SYNC pin for coordination between high and low
side hotswap controllers
• DISC pin for output capacitor discharge control
• Strong gate pull down (1.2A) for fast turn OFF
• Robust short circuit protection (360ns)
• Failed FET detection
• Programable UV, OV, tFAULT thresholds
• External FET temperature sensing
• PMBus® interface for telemetry, control,
configuration and debug
– On chip EEPROM nonvolatile memory for
configuration
– Precision VIN, VOUT, IIN, PIN, VAUX monitoring V
(<±1.5%); I (<±1%); P (<±2%)
– Power cycle with a single command
– Blackbox fault recording of multiple events with
relative time stamp stored in internal EEPROM
• 12-bit ADC with 250kHz sampling rate
• –40°C < TJ < 125°C operation




Similar Part No. - LMI800

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMI LEIDITECH-LMI Datasheet
1Mb / 7P
Moiding power lnducto rs
LMI201210A-2R2M LEIDITECH-LMI201210A-2R2M Datasheet
1Mb / 7P
Moiding power lnducto rs
LMI201608A-1R0M LEIDITECH-LMI201608A-1R0M Datasheet
1Mb / 7P
Moiding power lnducto rs
LMI201608A-1R5M LEIDITECH-LMI201608A-1R5M Datasheet
1Mb / 7P
Moiding power lnducto rs
LMI201608A-R47M LEIDITECH-LMI201608A-R47M Datasheet
1Mb / 7P
Moiding power lnducto rs
More results


Similar Description - LMI800

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV302DB1 SUTEX-HV302DB1 Datasheet
320Kb / 2P
Hotswap Controller
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
logo
Analog Devices
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
logo
Texas Instruments
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Analog Devices
LTC7841 AD-LTC7841 Datasheet
1Mb / 48P
PolyPhase Synchronous Boost Controller with PMBus Interface
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
Digital Controller for Isolated Power Supply with PMBus Interface
6/2017-Rev. A to Rev. B
logo
STMicroelectronics
STPDDC60 STMICROELECTRONICS-STPDDC60 Datasheet
97Kb / 3P
Universal digital multicell controller with PMBus™
06-Mar-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com