Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM422-PLUS4 Datasheet (PDF) - Future Technology Devices International Ltd.

USB-COM422-PLUS4 Datasheet PDF - Future Technology Devices International Ltd.
Part # USB-COM422-PLUS4
Download  USB-COM422-PLUS4 Download
File Size   867.32 Kbytes
Page   24 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd

USB-COM422-PLUS4 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB-COM422-PLUS4 Datasheet PDF - Future Technology Devices International Ltd.

Part # USB-COM422-PLUS4
Download  USB-COM422-PLUS4 Click to download

File Size   867.32 Kbytes
Page   24 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd

USB-COM422-PLUS4 Datasheet (HTML) - Future Technology Devices International Ltd.


USB-COM422-PLUS4 Product details

1.1 Functional Description
The USB-COM422-PLUS4 is a USB to a quad interface RS422 level serial UART adaptor incorporating FTDI’s FT4232H Hi-Speed USB2.0 (480Mb/s) to quad serial UART interface IC device. The FT4232H handles all the USB signaling and protocols. The adaptor provides a fast, simple way to connect devices with an RS422 interface to USB.
USB-COM422-PLUS4 is a USB to a quad-port RS422 adapter.
The integrated electronics of the USB-COM422-PLUS4 utilise the FTDI FT4232H and includes RS422 level shifters plus TXD/RXD LEDs to provide a visual indication of data traffic through the module.
1.4 Features Adds quad RS-422 serial ports by connecting to a USB 2.0 Hi-Speed interface. Easy plug & play installation and RS-422 device connection Works with USB 1.1 & 2.0 Host and Hub ports Industry Standard FTDI chip set & device drivers for maximum compatibility Microsoft Windows® WHQL-certified, Mac OS X, Linux and Windows CE device drivers Installs as four standard Windows COM ports COM port number can be changed to any available COM port number, to support HyperTerminal, or any other serial communications software application running in Windows Supports Windows Server 2008, 2003, Vista, XP, 2000, Windows CE, Linux, Mac OS X FIFO: 2k byte transmit buffer, 2k byte receive buffer RS-422 data signals: TxD+, TxD-, RxD+, RxD-, RTS+, RTS-, CTS+, CTS-, GND Powered by USB port. No external power adapter required. Serial port speed up to 10Mbps Serial Communication Parameters
o Parity: None, Even, Odd
o Data bits: 7, 8
o Flow control: RTS/CTS , X-ON/X-OFF, None Four DE-9P male connectors LEDs indicate USB Enumeration, RxD, TxD for monitoring port status & easy diagnostics Operating temperature of -40°C to +85°C




Similar Part No. - USB-COM422-PLUS4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB-COM422-PLUS1 ETC2-USB-COM422-PLUS1 Datasheet
678Kb / 23P
Future Technology Devices International Ltd
More results


Similar Description - USB-COM422-PLUS4

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
FT313HQ-R ETC2-FT313HQ-R Datasheet
1Mb / 67P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com